Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11E15244G1 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E15244G1
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E15244G1 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC11E15244G1 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E15244G1 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
270
11mm Size Metal Shaft Type
EC11
Product Line
Other varieties are also available. Please inquire.
Note
Push lock
Reflow
Self-return
switch
Flat
Slotted
25
20
26.4
20
15
Inner-
shaft=25
Outer-
shaft=15
Without
Without
With
With
Without
With
Without
8
0.5
1.5
0.5
1.5
10±7
12±5
3 to 30
3 to 30
13
11
14
15
16
18
800
300
1,600
600
1,200
2,400
700
1,400
Self-
return
switch
Self-return
switch
Without
Without
EC11E152T409
EC11J0920404
EC11J152040F
EC11J0924411
EC11J1524413
EC11J0925403
EC11J1525402
EC11E152U402
EC1110120005
EC111012010H
EC1110120201
EC11E0B2LB01
20-tooth
Serrated
Flat
9
15
9
15
9
15
18
30
18
30
18
30
10±7
30
Product No.
Drawing
No.
Minimum order unit(pcs.)
Japan
Export
15,000
100,000
15,000
Operating life
(cycles)
Number
of detent
Number
of pulse
Shaft
configuration
Structure
Length of the shaft
L1,L2 (mm)
Push-on
switch
Travel of push-on
switch(mm)
Torque
(mN・m)
Dual-shaft
Slotted
Inner-
shaft=25
Outer-
shaft=15
Without
0.5
17
15
EC11EBB24C03
Flat
With
1.5
12
Packing Specifications
Tray
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan 1 case /export packing
EC11B
700
1,400
370×520×201
EC11E09 / 15 / 18
1,200
2,400
540×360×250
EC11G / EC11K
1,000
2,000
EC11J
300
600
369×283×263
EC11E152T / U
800
1,600
363×507×230
EC111
1,200
2,400
363×507×216
EC11E0B / BB
700
1,400
Refer to P.275 for product specifications.
Refer to P.276 for attached parts.
Refer to P.278 for product varieties.
Refer to P.307 for soldering conditions.


Similar Part No. - EC11E15244G1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E15244G1 ALPS-EC11E15244G1 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E15244G1 ETC-EC11E15244G1 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E15244G1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com