Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS949 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS949
Description  Smart Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS949 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS949 Datasheet HTML 1Page - Infineon Technologies AG BTS949 Datasheet HTML 2Page - Infineon Technologies AG BTS949 Datasheet HTML 3Page - Infineon Technologies AG BTS949 Datasheet HTML 4Page - Infineon Technologies AG BTS949 Datasheet HTML 5Page - Infineon Technologies AG BTS949 Datasheet HTML 6Page - Infineon Technologies AG BTS949 Datasheet HTML 7Page - Infineon Technologies AG BTS949 Datasheet HTML 8Page - Infineon Technologies AG BTS949 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
02.12.1998
Semiconductor Group
Page 5
BTS 949
Block Diagramm
Terms
Inductive and overvoltage output clamp
HITFET
IN
CC
D
V IN
ID
VDS
1
4
5
IIN
3
S
Vbb
RCC
RL
CC
V
HITFET
V
Z
D
S
Short circuit behaviour
The ground lead impedance of
RCC
should be as low as possible
V IN
I D
I D(SCp)
t 0
tm
t 2
I D(Lim)
t 1
Input circuit (ESD protection)
IN
ESD-ZDI
Source
ESD zener diodes are not designed
for DC current > 2 mA @
VIN>10V.
t0:
Turn on into a short circuit
tm:
Measurementpoint for
ID(lim)
t1:
Activation of the fast temperature sensor and
regulation of the drain current to a level where
the junction temperature remains constant.
t2:
Thermal shutdown caused by the second
temperature sensor, achieved by an
integrating measurement.


Similar Part No. - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS949 INFINEON-BTS949 Datasheet
228Kb / 11P
   Smart Lowside Power Switch
07.06.2000
BTS949 INFINEON-BTS949_00 Datasheet
228Kb / 11P
   Smart Lowside Power Switch
07.06.2000
More results

Similar Description - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com