Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS949 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS949
Description  Smart Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS949 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS949 Datasheet HTML 1Page - Infineon Technologies AG BTS949 Datasheet HTML 2Page - Infineon Technologies AG BTS949 Datasheet HTML 3Page - Infineon Technologies AG BTS949 Datasheet HTML 4Page - Infineon Technologies AG BTS949 Datasheet HTML 5Page - Infineon Technologies AG BTS949 Datasheet HTML 6Page - Infineon Technologies AG BTS949 Datasheet HTML 7Page - Infineon Technologies AG BTS949 Datasheet HTML 8Page - Infineon Technologies AG BTS949 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
02.12.1998
Semiconductor Group
Page 2
BTS 949
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Unit
Value
Drain source voltage
VDS
60
V
Drain source voltage for short circuit protection
RCC = 0 Ω
without
RCC
VDS(SC)
15
50
Continuous input current 1)
-0.2V
≤ V
IN ≤ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
|
IIN | ≤ 2
mA
Operating temperature
Tj
°C
- 40 ... +150
Storage temperature
Tstg
- 55 ... +150
Power dissipation
TC = 25 °C
240
W
Ptot
Unclamped single pulse inductive energy
ID(ISO) = 19 A
6000
mJ
EAS
Electrostatic discharge voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and
EOS/ESD assn. standard S5.1 - 1993
VESD
3000
V
Load dump protection
VLoadDump2) = VA + VS
VIN=low or high; VA=13.5 V
td = 400 ms, RI = 2 Ω, ID=0,5*19A
td = 400 ms, RI = 2 Ω, ID= 19A
110
92
VLD
DIN humidity category, DIN 40 040
E
IEC climatic category; DIN IEC 68-1
40/150/56
Thermal resistance
junction - case:
RthJC
0.7
K/W
75
RthJA
junction - ambient:
SMD version, device on PCB: 3)
RthJA
45
1A sensor holding current of 500 µA has to be guaranted in the case of thermal shutdown (see also page 3)
2V Loaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
3Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm 2 (one layer, 70 µm thick) copper area for Drain connection. PCB is vertical
without blown air.


Similar Part No. - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS949 INFINEON-BTS949 Datasheet
228Kb / 11P
   Smart Lowside Power Switch
07.06.2000
BTS949 INFINEON-BTS949_00 Datasheet
228Kb / 11P
   Smart Lowside Power Switch
07.06.2000
More results

Similar Description - BTS949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com