Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC18AGA20402 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC18AGA20402
Description  18mm Size Insulated Shaft Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC18AGA20402 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC18AGA20402 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC18AGA20402 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC18AGA20402 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC18AGA20402 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
291
EC18A
Absolute type achieving high water resistance and
heavy torque
18mm Size Insulated Shaft Type
Mounting
surface
Mounting
surface
5(COM)
43
21
20.2
18.8
21.97
6.31
13.66
5-3.5
8.75
2-3.7
15.7
6.31
29.31
5-3.5
8.75
2-3.7
5(COM)
Pattern prohibition area
43
21
5-ø1.05 holes
11.5
2-1.85
19.6
12.5
3.75
2.5
20.2
18.8
Product Line
Flat
29.31
21.97
12
60±20
Vertical
16
EC18AGB20401
1
2
EC18AGA20402
Product No.
Drawing
No.
900
450
Minimum order unit(pcs.)
Export
Japan
Shaft
configuration
Length of the shaft
(mm)
Positions
Operating direction
Detent torque
(mN・m)
Dimensions
Unit:mm
No.
1
2
Style
Photo
PC board mounting hole dimensions
(Viewed from mounting side)
Typical Specifications
Items
Specifications
Rating
1mA 10V DC
Operating life
30,000 cycles
Operating temperature range
−20℃ to +60℃
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
450
900
540×360×270
Packing Specifications
Tray
Refer to P.307 for soldering conditions.


Similar Part No. - EC18AGA20402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC18AGA20402 ETC-EC18AGA20402 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC18AGA20402

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com