Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC20A Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC20A
Description  20mm Size Metal Shaft Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC20A Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC20A_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type
Metal shaft
11mm size
20mm size
Series
EC111
EC11K
EC11J
EM11B
EC20A/RK203
EM20B
Photo
Output
Self-return switch
Incremental(Two phase A and B)
Shaft types
Single-shaft
Operating direction
Vertical
Number of pulse /
Number of detent
9/18
15/30
16/16
18/18
40/40
Features
Surface
Mount type
Magnetic type
Magnetic type
Dimensions
(mm)
W
11.7
10.8
20.2
20
D
13
12
14.2
11
19.2
22.25
H
5
4.5
7.5
10
13
Operating temperature range
−40℃ to +85℃
−30℃ to +85℃ −30℃ to +80℃ −10℃ to +70℃
Operating life
15,000 cycles
100,000 cycles
1,000,000 cycles
30,000 cycles
500,000 cycles
Automotive use
Life cycle (availability)
Electrical
performance
Rating
10mA 5V DC
10mA 5V±5% DC
1mA 5V DC
10mA 5V±5% DC
Max./min. operating current
(Resistive load)
10mA / 1mA
15mA / −
15mA / −
Insulation resistance
100MΩ min. 250V DC
100MΩ min.100V DC 10MΩ min. 50V DC
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute
or 360V AC for 2s
300V AC for 1 minute
or 360V AC for 1s
250V AC for 1 minute
or 300V AC for 2s
50V AC for 1 minute
or 60V AC for 2s
300V AC for 1 minute
or 360V AC for 2s
Mechanical
performance
Rotational torque
(Without detent)
3 to 30mN・m
7mN・m max.
Detent torque
12±5mN・m
12±5mN・m(Initial)
12±4mN・m(After reflow)
10±5mN・m
40±20mN・m
8±5mN・m
Push-pull strength
100N
Shaft configuration
Flat, Slotted, Serrated
Flat
Terminal type
Insertion
Reflow
Insertion
Switch
Specifications
Switch type
Push-on switch
Contact
arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3 1.5±0.5 0.5±0.3 1.5±0.5 0.5±0.3 1.5±0.5
0.5
1.5±0.5
0.5
Operating force(N) 6 
4±2
5±2
4±2
5±2
4±2
5.5±3
4±2
6±3
Rating
0.1A 5V DC
(500μA 5V DC min. ratings)
0.1A 5V DC
(0.1mA 5V DC min. ratings)
5mA 5V DC
(50mA 12V DC max. ratings)
0.5A 16V DC
(1mA 16V DC min. ratings)
3A 16V DC
(10mA 16V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 
200mΩ max. after operating life.
500mΩ max. for initial period, 
5mΩ max. after operating life.
100mΩ max. for initial period, 
200mΩ max. after operating life.
Operating life
20,000 times
1,000,000
times
100,000
times
1,000,000
times
100,000
times
1,000,000 times
20,000 times
25,000 times
Page
269
280
282
285
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Note
Indicates applicability to all products in the series.
263
+ 2.5
− 2
+ 0.4
− 0.3
+ 0.3
− 0.2
NEW


Similar Part No. - EC20A_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A1820401 ALPS-EC20A1820401 Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
List of Unclassifed Man...
EC20A1820401 ETC-EC20A1820401 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC20A1824401 ALPS-EC20A1824401 Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results

Similar Description - EC20A_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
   20mm Size Metal Shaft Magnetic Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EC09E ALPS-EC09E Datasheet
176Kb / 2P
   9mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
   27mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com