Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC21A1520401 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21A1520401
Description  21mm Size Ring Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21A1520401 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC21A1520401 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21A1520401 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21A1520401 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21A1520401 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
307
Soldering surfacetemperature
Soldering temperature
Heating time
Soldering time
No. of solders
EC10E, EC12D, EC12E, EM11B
EC45A
EC40A
EM20B
EC09E, EC11B, EC111, EC11E, EC11G,
EC11K, EC18A, EC21A, EC28A, EC35A,
EC35AH, EC35B, EC50A, EC60B
Series
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
100℃ max.
100℃ max.
110℃ max.
80℃ max.
260±5℃
260℃ max.
260℃ max.
260℃ max.
1 min. max.
2 min. max.
1 min. max.
1 min. max.
3±1s
5s max.
10s max.
3s max.
2 time max.
2 time max.
1 time
2 time max.
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
EC05E
EC21C
EC11J
Series
260℃
230℃
180℃
150℃
2 min. max.
3s
40s
4 min. max.
2 time max.
250℃ min.
230℃ to 245℃
230℃ min.
220℃
180℃
200℃
150℃
150℃
60s to 120s
60s to 120s
30s to 40s
25s to 60s
300 max.
2 time max.
1 time max.
A
B
C
D
E
F
G
H
No. of reflows
Temperature profile
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a
  type that uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the encoder when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
  encoder may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
  temperature of the encoder does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this
  prior to use.
注記
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Encoders Soldering Conditions
3
s
EC11J
EC05E, EC09E, EC10E, EC111, EC11B,
EC11E, EC11G, EC11K, EC12D, EC12E,
EC18A, EC21A, EC28A, EC35A, EC35AH,
EC35B, EC40A, EC45A, EC50A, EC60B,
EM11B, EM20B, EC21C
Series
350℃ max.
3s max.
1 time
350±10℃
2 time
Tip temperature
Soldering time
No. of solders
+1
 0


Similar Part No. - EC21A1520401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21A1520401 ALPS-EC21A1520401 Datasheet
170Kb / 2P
   21mm Size Encoder Type
logo
List of Unclassifed Man...
EC21A1520401 ETC-EC21A1520401 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC21A1520401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A Datasheet
170Kb / 2P
   21mm Size Encoder Type
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
   45mm Size Ring Type
EC28A ALPS-EC28A_15 Datasheet
1Mb / 3P
   28mm Size Ring Type
EC35A ALPS-EC35A Datasheet
1Mb / 3P
   35mm Size Ring Type
EC60B ALPS-EC60B Datasheet
792Kb / 3P
   60mm Size Ring Type
EC40A ALPS-EC40A_15 Datasheet
724Kb / 3P
   40mm Size Ring Type
EC50A ALPS-EC50A Datasheet
763Kb / 3P
   50mm Size Ring Type
logo
List of Unclassifed Man...
RK2112N ETC-RK2112N Datasheet
99Kb / 2P
   21mm Snap-In Rotary Potentiometer
logo
Molex Electronics Ltd.
0193174008 MOLEX4-0193174008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 500MCM-600MCM, 5/16" Stud Size
0193180408 MOLEX4-0193180408 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 4/0 AWG, 5/16"Stud Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com