Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT3W Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BAT3W
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BAT3W Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  BAT3W Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BAT3W Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BAT42WE/BAT43W
0
200
400
600
800
VF INSTANTANEOUS FORWARD VOLTAGE (mV)
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
FIG. 1- FORWARD CURRENT DERATING CVRVE
100
10
1
0.1
TA,AMBIENT TEMPERATURE(
C)
100
80
60
40
20
0
0
25
50
75
100
125
150
TJ=125
C
TA=125
C
TA=25
C
TA=75
C
TA=-25
C
FIG. 3- TYPICAL REVERSE CHARACTERISTICS
0
10
20
30
40
1000
100
10
1.0
0.1
0.01
VR, INSTANTANEOUS REVERSE VOLTAGE.(V)
TA=125
C
TA=75
C
TA=25
C
FIG. 4- TOTAL CAPACITANCE
VS REVERSE VOLTAGE
0
10
20
30
40
100
10
1.0
VR, REVERSE VOLTAGE.(V)
TA=125
C
f=1MHz
www.shunyegroup.com.cn


Similar Part No. - BAT3W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
logo
STMicroelectronics
BAT30 STMICROELECTRONICS-BAT30 Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30 STMICROELECTRONICS-BAT30 Datasheet
168Kb / 14P
   Small signal Schottky diodes
BAT30-07P6FILM STMICROELECTRONICS-BAT30-07P6FILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
BAT30-07P6FILM STMICROELECTRONICS-BAT30-07P6FILM Datasheet
168Kb / 14P
   Small signal Schottky diodes
More results

Similar Description - BAT3W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com