Electronic Components Datasheet Search |
|
BTS3110N Datasheet(PDF) 4 Page - Infineon Technologies AG |
|
BTS3110N Datasheet(HTML) 4 Page - Infineon Technologies AG |
4 / 10 page 2002-09-04 Page 4 BTS 3110 N Electrical Characteristics Parameter Symbol Values Unit at Tj = 25°C, unless otherwise specified min. typ. max. Dynamic Characteristics Turn-on time VIN to 90% ID: RL = 4.7 , VIN = 0 to 10 V, Vbb = 12 V ton - 45 100 µs Turn-off time VIN to 10% ID: RL = 4.7 , VIN = 10 to 0 V, Vbb = 12 V toff - 60 100 Slew rate on 70 to 50% Vbb: RL = 4.7 , VIN = 0 to 10 V, Vbb = 12 V -dVDS/dton - 0.4 1.5 V/µs Slew rate off 50 to 70% Vbb: RL = 4.7 , VIN = 10 to 0 V, Vbb = 12 V dVDS/dtoff - 0.6 1.5 Protection Functions1) Thermal overload trip temperature Tjt 150 175 - °C Input current protection mode IIN(Prot) 25 50 300 µA Input current protection mode Tj = 150 °C IIN(Prot) - 40 300 Unclamped single pulse inductive energy 2) ID = 1.4 A, Tj = 25 °C, Vbb = 12 V EAS 150 - - mJ Inverse Diode Inverse diode forward voltage IF = 7 A, tm = 250 µs, VIN = 0 V, tP = 300 µs VSD - 1 - V 1Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed for continuous repetitive operation. 2 Not tested, specified by design. |
Similar Part No. - BTS3110N |
|
Similar Description - BTS3110N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |