Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDCAN03-2BWY Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDCAN03-2BWY
Description  transient voltage suppressor for CAN bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDCAN03-2BWY Datasheet(HTML) 5 Page - STMicroelectronics

  ESDCAN03-2BWY Datasheet HTML 1Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 2Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 3Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 4Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 5Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 6Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 7Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 8Page - STMicroelectronics ESDCAN03-2BWY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID027651 Rev 2
5/10
ESDCAN0x-2BWY
Characteristics
10
Figure 13. TLP
Figure 9. Response to ISO 7637-3 Pulse 3a
(Us = -150 V) ESDCAN03-2BWY
Figure 10. Response to ISO 7637-3 Pulse 3b
(Us = +100 V) ESDCAN03-2BWY
Figure 11. Leakage current versus junction
temperature
Figure 12. S21 attenuation


Similar Part No. - ESDCAN03-2BWY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN03-2BWY STMICROELECTRONICS-ESDCAN03-2BWY Datasheet
378Kb / 8P
   Dual-line ESD and EOS protection
December 2016 Rev 4
More results

Similar Description - ESDCAN03-2BWY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN01-2BLY STMICROELECTRONICS-ESDCAN01-2BLY Datasheet
525Kb / 10P
   transient voltage suppressor for CAN bus
July 2015 Rev 1
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
   Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
logo
Diodes Incorporated
DLPA004 DIODES-DLPA004_15 Datasheet
86Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR
SDA004 DIODES-SDA004 Datasheet
93Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
DLPA004 DIODES-DLPA004 Datasheet
86Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
   DATA BUS TRANSIENT SUPPRESSOR
SDA004 DIODES-SDA004_08 Datasheet
147Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com