Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-4M10Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP061-4M10Y
Description  Automotive 4-line ESD protection for high speed lines
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4M10Y Datasheet(HTML) 3 Page - STMicroelectronics

  HSP061-4M10Y Datasheet HTML 1Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 2Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 3Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 4Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 5Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 6Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 7Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 8Page - STMicroelectronics HSP061-4M10Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID025560 Rev 1
3/11
HSP061-4M10Y
Characteristics
11
Figure 2. Leakage current versus junction
temperature (typical values)
Figure 3. Attenuation versus frequency
IR (nA)
0,01
0,1
1
10
25
50
75
100
125
150
TJ(°C)
V
R =VRM=3V
100k
1M
10M
100M
1G
10G
-5
-4
-3
-2
-1
0
S21 (db)
F (Hz)
Figure 4. Differential impedance (Zdiff)
(1)
Figure 5. Eye diagram - HDMI mask at 3.4 Gbps
per channel(1)
1.
HDMI specification conditions. This information can be provided for other applications. Please contact your local ST office.
tr = 200 ps (10% - 90%)
12.5
Ω /div
250 mV/div
50 ps/div


Similar Part No. - HSP061-4M10Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
More results

Similar Description - HSP061-4M10Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
   Automotive 2-line ESD protection for high speed lines
July 2018 Rev 1
HSP061-2Y STMICROELECTRONICS-HSP061-2Y Datasheet
319Kb / 8P
   Automotive 2-line ESD protection for high speed lines
November 2014 Rev 2
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com