Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11E152U402 Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E152U402
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E152U402 Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

Back Button EC11E152U402 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. EC11E152U402 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
276
1. Single-shaft Type
1)Serrated Type
Unit:mm
Detailed dimensions
L1
LB
S1
R1
R2
20
7
6
1
7
25
10
10
2
11
Not applicable for EC11E
and EC11G with push-lock
mechanism
EC11
Configuration(Shaft diameter:φ6)
EC11K / EC11J
Configuration(Shaft diameter:φ6)
L1
LB
R
C1
ø7
Shaft Dimensions
L1
S1
0.5 or 1
LB
ø7
C1
R1
R2
20 teeth Serrated
Detailed dimensions
L1
LB
R1
15
7
5
20
10
6
LB
1.6
C0.5
L1
ø7
3)Slotted Type
Unit:mm
Detailed dimensions
L1
15
20
25
7
7
10
LB
LB=7 for EC11B.
EC11K / EC11J
Configuration(Shaft diameter:φ5.975)
EC11
Configuration(Shaft diameter:φ6)
Detailed dimensions
L1
15
20
7
10
LB
2)Flat Type
Unit:mm
Detailed dimensions
L1
LB
R
15
15
20
5
7
7
7
5(6)
10(12)
25
10
12
※1 Does not comply with EC111
※ 2 LB=7 for EC11B.
EC11
Configuration(Shaft diameter:φ6)
EC11K / EC11J
Configuration(Shaft diameter:φ5.975)
Detailed dimensions
L1
LB
R
15
20
7
10
5
7
※1
※2
Values in parentheses apply to products
without push-on switch.
L1
0.5
LB
ø8.975
C1
1
20 teeth Serrated
R
1. The
highlighted figures in shaft types refer to Product Specifications in P.269 and P.270.
2. Other varieties are also available. Please inquire.
Notes
11mm Size Metal Shaft Type / Product Varieties


Similar Part No. - EC11E152U402

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E152U402 ALPS-EC11E152U402 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E152U402 ETC-EC11E152U402 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E152U402

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com