Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 6Page - STMicroelectronics L9779WD Datasheet HTML 7Page - STMicroelectronics L9779WD Datasheet HTML 8Page - STMicroelectronics L9779WD Datasheet HTML 9Page - STMicroelectronics L9779WD Datasheet HTML 10Page - STMicroelectronics L9779WD Datasheet HTML 11Page - STMicroelectronics L9779WD Datasheet HTML 12Page - STMicroelectronics L9779WD Datasheet HTML 13Page - STMicroelectronics L9779WD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 170 page
background image
Detailed features description
L9779WD
10/170
DocID027452 Rev 5
LSb (OUT6, 7)
2 Ch. serial IN via MicroSecond Channel, Rdson = 0.47 Ohm @150°C, Vcl = 45 V ±5,
Imax = 5 A
–LSc (OUT19, 20)
2 Ch serial IN via MicroSecond Channel, Imax = 50 mA
Full diagnosis on MicroSecond Channel (2 bit for each channel) and voltage slew rate
control.
When an over current fault occurs, the driver switch off with faster slew rate in order to
reduce the power dissipation.
Protected low side relay driver (OUT13 to 18, MRD)
–LSD
6 Ch. serial IN via MicroSecond Channel, Rdson = 1.5 Ohm @150 °C, Vcl = 48 V,
Imax = 600 mA (2 of them with low battery voltage function);
1 main relay driver Rdson = 2.4 Ohm @150 °C, Vcl = 48 V, Imax = 600 mA
With full diagnosis on MicroSecond Channel (2 bit for each channel) and voltage slew-
rate control.
When an over current fault occurs, the driver switch off with faster slew rate in order to
reduce the power dissipation.
Ignition pre-drivers (IGN1 to 4)
4 x ignition pre-drivers with full diagnostic.
External MOS pre-drivers (OUT8 to 9)
2 x MOS pre-drivers with sense of the external drain voltage to perform the
diagnostic:
Open load in OFF state
Shorted load in ON state with programmable threshold voltage and programmable
filter time via MSC
Configurable power stages CPS: stepper motor driver/ high-side - low-side (OUT21 to 28)
1 x Stepper motor driver designed for a double winding coil motor, used for engine idle
speed control.
The bridge driver is made by 4 independent high-side drivers and 4 independent low-
side drivers:
4 high-side driver, Rdson =1.5 Ohm, Imax = 600 mA
4 low-side driver, Rdson = 1.5 Ohm, Imax = 600mA
The 4 high-side drivers and the 4 low-side drivers can be controlled independently
The low-side drivers could be connected in parallel (in pairs): OUT22 with OUT24 and
OUT27 with OUT28.
Low-side and high-side drivers implement voltage SR control to minimize emission.
Two high-side drivers have the low battery voltage function.
Thermal shutdown
1 x Thermal shutdown (Tj > 175 °C = Tsd) if Tj > Tsd: VTRK1, 2 are turned off.
1 x Thermal shutdown (Tj > 175 °C = Tsd) if Tj > Tsd: OUT1 to 10, OUT13 to 20,
OUT21 to 28, IGN1 to 4 are turned off.
1 x Thermal shutdown (Tj > 175 °C = Tsd) if Tj > Tsd: MRD is turned off (if battery
present).


Similar Part No. - L9779WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9779WD-SPI STMICROELECTRONICS-L9779WD-SPI Datasheet
1Mb / 141P
   Smart reset function
More results

Similar Description - L9779WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
   Multifunction IC for automotive engine management system
May 2022 Rev 4
logo
Infineon Technologies A...
TLE8888-1QK INFINEON-TLE8888-1QK_15 Datasheet
3Mb / 202P
   Engine Management System IC for 4 Cylinder Cars
Rev. 1.1, 2014-08-20
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com