Electronic Components Datasheet Search |
|
EC35B154H401 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
EC35B154H401 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 3 page 302 Composite operation device that integrates both ring encoder and self return switch 35mm Size Composite Operation Type EC35B Product Line 30 15 Self-return switch Product No. Switch Actuator length(mm) Number of detent Number of pulse 300 600 21.35 Detent torque (mN・m) 20±10 EC35B154H401 Minimum order unit(pcs.) Japan Export C 【Switch 02】 E F D B A 9.9 12 12 ø15.1 【Switch 01】 4.8 3-6.5 3-6 3-3 12.1 6-3.5 21.35 Shaft travel 2.8 Clockwise rotation Normal case:(SW01)ENCODER output signal B-C Between terminals A-C Between terminals 15ø pulse/30 detent OFF ON OFF ON From 15° past the center to the CCW end From 15° past the center to the CW end CCW direction:ON between F and D CW direction:ON between F and E Self-return case:(SW02)circuit E F D Total rotation angle 48° center Dimensions Unit:mm Style PC board mounting hole dimensions (Viewed from mounting side) ■ Typical Specifications Items Specifications Rating 10mA 5V DC Operating life Encoder 30,000 cycles Self-return switch 15,000 cycles Operating temperature range −40℃ to +85℃ Output Wave(Switch 01) Sliding Noise(Switch 01) Circuit Diagram(Switch 02) V1=V2=2.5V max. Self-return switch D F Total rotation angle 48 ° Center E At R = 5kΩ Chattering : 5ms max. Bounce : 5ms max. 5V DC RR Terminal B Terminal A Terminal C Encoder Test circuit tt V1 V2 ON ON OFF Output waveform Sliding direction t : Masking time to avoid chattering Measurement condition:Rotation speed 360 ˚/s A signal B signal ON ON OFF OFF Detent stability position CW direction Refer to P.307 for soldering conditions. Number of packages(pcs.) Export package measurements (mm) 1 case /Japan 1 case /export packing 300 600 540×360×380 Packing Specifications Tray |
Similar Part No. - EC35B154H401 |
|
Similar Description - EC35B154H401 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |