Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV102 Datasheet(PDF) 1 Page - Shunye Enterprise

Part # BAV102
Description  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

BAV102 Datasheet(HTML) 1 Page - Shunye Enterprise

  BAV102 Datasheet HTML 1Page - Shunye Enterprise BAV102 Datasheet HTML 2Page - Shunye Enterprise BAV102 Datasheet HTML 3Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
MECHANICAL DATA
Case: MINI-MELF,glass case
Polarity: Color band denotes cathode
Weight: Approx 0.031 grams
Ratings at 25℃,ambient temperature unless otherwise specified.
Reverse voltage
VR
V
Repetitive peak reverse voltage
VRRM
V
Forward current
I(AV)
A
Forward surge current tp=1s
IFSM
A
Power dissipation
PV
mW
Thermal resistance junction to ambient
RθJA
K/W
Thermal resistance junction to lead
RθJL
K/W
Junction temperature
Tj
Storage temperature range
TSTG
250
BAV100---BAV103
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0.25
350
500
1)
- 65 --- + 175
BAV102
ABSOLUTE MAXIMUM RATINGS AND THERMAL RESISTANCE
Unit
200
60
50
150
BAV101
100
120
SMALL SIGNAL SWITCHING DIODE
BAV100
1.0
175
500
BAV103
200
MINI-MELF
1) Device mounted on PC board 50mm×50mm×1.6mm .
Reverse Voltage - 50 to 200 Volts
Forward Current - 250 mApere
www.shunyegroup.com.cn


Similar Part No. - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV102 PHILIPS-BAV102 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, High Voltage
01-Jan-2022
logo
Taiwan Semiconductor Co...
BAV102 TSC-BAV102 Datasheet
94Kb / 2P
   500mW Hermetically Sealed Glass High Voltage Switching Diodes
logo
Continental Device Indi...
BAV102 CDIL-BAV102 Datasheet
338Kb / 3P
   HIGH SPEED SILICON DIODES
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
More results

Similar Description - BAV102

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com