Electronic Components Datasheet Search |
|
BY253 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
BY253 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 2 page BY251 THRU BY255 GENERAL PURPOSE SILICON RECTIFIER Reverse Voltage - 200 to 1300 Volts Forward Current - 3.0 Ampere Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.04 ounce, 1.10 grams The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS VOLTS VOLTS VOLTS SYMBOLS UNITS Amps Amps Volts VRRM VRMS VDC I(AV) IFSM VF 3.0 150 1.1 Operating junction and storage temperature range Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375 ”(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375 ”(9.5mm)lead length,P.C.B. mounted IR 10.0 500 RqJA CJ TJ,TSTG 20.0 30.0 -65 to +175 pF C A u Typical thermal resistance (NOTE 2) C/W 200 140 200 BY251 400 280 400 BY252 600 420 600 BY253 800 560 800 BY254 1300 910 1300 BY255 Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. DO-201AD 0.220 (5.6) 0.197(5.0) DIA. 0.052 (1.3) 0.048 (1.2) DIA. 0.375(9.5) 0.285(7.2) Dimensions in inches and (millimeters) 1.0 (25.4) MIN. 1.0 (25.4) MIN. www.shunyegroup.com.cn |
Similar Part No. - BY253 |
|
Similar Description - BY253 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |