Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHD250PS48 Datasheet(PDF) 5 Page - XP Power Limited

Part # CHD250PS48
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CHD250PS48 Datasheet(HTML) 5 Page - XP Power Limited

  CHD250PS48 Datasheet HTML 1Page - XP Power Limited CHD250PS48 Datasheet HTML 2Page - XP Power Limited CHD250PS48 Datasheet HTML 3Page - XP Power Limited CHD250PS48 Datasheet HTML 4Page - XP Power Limited CHD250PS48 Datasheet HTML 5Page - XP Power Limited CHD250PS48 Datasheet HTML 6Page - XP Power Limited CHD250PS48 Datasheet HTML 7Page - XP Power Limited CHD250PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CHD250 Series
www.xppower.com
5
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022/11
Class B
Radiated
EN55022/11
Class A
Class B
With 2 turn Wurth 742-700-56 core or similar
on AC cable
Harmonic Current
EN61000-3-2
Class A
All models
Class C
>225 W
Safety Approvals
EMC: Immunity
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1 Ed 2
Information Technology
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL60950-1 (2007), CSA 22.2 No.60950-1-1:08
Information Technology
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN60950-1
Information Technology
EN60601-1
Medical
CE
LVD & RoHS
Equipment Protection Class
Class I & BF
See safety agency conditions of acceptibility for details
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN55024 (100 VAC)
Int >95% (0 VAC), 8.3ms
A
Dip 30% (70 VAC), 416ms
B
Int >95% (0 VAC), 4160ms
B
EN55024 (240 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 30% (168 VAC), 500ms
B
Int >95% (0 VAC), 5000ms
B
EN60601-1-2 (100 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 60% (40 VAC), 100ms
A
Derate output power to 120 W
Dip 30% (70 VAC), 500ms
A
Int >95% (0 VAC), 5000ms
B
EN60601-1-2 (240 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 60% (96 VAC), 100ms
A
Dip 30% (168 VAC), 500ms
A
Int >95% (0 VAC), 5000ms
B


Similar Part No. - CHD250PS48

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CHD-38-30001 MACOM-CHD-38-30001 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CHD-38-30003 MACOM-CHD-38-30003 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CHD-38-30021 MACOM-CHD-38-30021 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
logo
DAICO Industries, Inc.
CHD01940 DAICO-CHD01940 Datasheet
39Kb / 1P
   Switch-Attenuator Amplifier HDMIC
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
   Output Signal Distribution Unit
More results

Similar Description - CHD250PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com