Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6098 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67060-S6098
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6098 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67060-S6098 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6098 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
2004-01-27
Page 5
BTS 4141D
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -40...125 °C, Vbb = 15...30 V unless otherwise specified
min.
typ.
max.
Operating Parameters
Operating voltage
Vbb(on)
12
-
45
V
Undervoltage shutdown
Vbb(under)
7
-
10.5
Undervoltage restart
Vbb(u rst)
-
-
11
Undervoltage hysteresis
∆Vbb(under) = Vbb(u rst) - Vbb(under)
∆Vbb(under)
-
0.5
-
Standby current
Tj = -40...85 °C, VIN ≤ 1,2 V
Tj = 125 °C1)
Ibb(off)
-
-
10
-
25
50
µA
Operating current
IGND
-
1
1.6
mA
Leakage output current (included in Ibb(off))
VIN ≤ 1,2 V
IL(off)
-
3.5
10
µA
Protection Functions2)
Initial peak short circuit current limit
Tj = -40 °C, Vbb = 20 V, tm = 150 µs
Tj = 25 °C
Tj = 125 °C
IL(SCp)
-
-
0.7
-
1.4
-
2.1
-
-
A
Repetitive short circuit current limit
Tj = Tjt (see timing diagrams)
IL(SCr)
-
1.1
-
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL), Ibb = 4 mA
VON(CL)
47
52
-
V
Overvoltage protection 3)
Ibb = 4 mA
Vbb(AZ)
47
-
-
Thermal overload trip temperature4)
Tjt
135
-
-
°C
Thermal hysteresis
∆Tjt
-
10
-
K
1higher current due temperature sensor
2Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation.
3see also VON(CL) in circuit diagram
4 higher operating temperature at normal function available


Similar Part No. - Q67060-S6098

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6084-A101 INFINEON-Q67060-S6084-A101 Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
Q67060-S6087-A101 INFINEON-Q67060-S6087-A101 Datasheet
80Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results

Similar Description - Q67060-S6098

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com