Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAXSMD0412XX Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # RAXSMD0412XX
Description  GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RAXSMD0412XX Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  RAXSMD0412XX Datasheet HTML 1Page - Powerex Power Semiconductors RAXSMD0412XX Datasheet HTML 2Page - Powerex Power Semiconductors RAXSMD0412XX Datasheet HTML 3Page - Powerex Power Semiconductors RAXSMD0412XX Datasheet HTML 4Page - Powerex Power Semiconductors RAXSMD0412XX Datasheet HTML 5Page - Powerex Power Semiconductors RAXSMD0412XX Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RAXSMD0412XX
GENERAL PURPOSE RECTIFIER DIODE ELEMENT
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697-1800 724 925-7272
www.pwrx.com
12,000 Amperes 400 Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Repetitive Peak Reverse
Leakage Current
IRRM
Tj=175°C, VRRM=Rated
15
60
ma
Peak On-State Voltage
VFM
Tj=25°C, IFM=4000A
0.95
V
VFM Model, Low Level
V0
Tj=175°C
0.696
V
VFM = VO + r•IFM
r
15%
IFM - π•IFM
3.03E-02
VFM Model, High Level
V0
Tj=175°C
0.766
V
VFM = VO + r•IFM
r
π•I
FM - IFSM
2.14E-02
VFM Model, High Level
4-Term
A
Tj=175°C
0.0908
VFM= A + B•Ln(IFM) +
B
15%IFM - IFSM
0.0905
C•(I
FM) + D•(IFM)
½
C
2.360E-05
D
-0.00187
Reverse Recovery Time
t
RR
Tj=25°C, IFM=400A
25
µs
diR/dt = 25 A/µs
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Thermal Resistance
Junction to Case
jc
Double side cooled
0.005
°C/Watt
Case to Sink
cs
Double side cooled
0.003
°C/Watt
Thermal Impedance Model
jc
Double side cooled
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
1
2
3
4
A(N
) = 8.117E-04 4.774E-04
3.402E-03
3.423E-04
Tau(N) = 1.112E-03 4.481E-03
4.894E-02
2.710E-01
Page 3 of 6


Similar Part No. - RAXSMD0412XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
More results

Similar Description - RAXSMD0412XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
RDS82280XX POWEREX-RDS82280XX Datasheet
104Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
RDK83085XX POWEREX-RDK83085XX Datasheet
110Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
logo
Motorola, Inc
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com