Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-DRDW8TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24C16-DRDW8TG
Description  16-Kbit serial IC bus EEPROM - 105C operation
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRDW8TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24C16-DRDW8TG Datasheet HTML 6Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 7Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 8Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 9Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 10Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 11Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 12Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 13Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Device operation
M24C16-DRE
10/38
DocID027242 Rev 1
3.1
Start condition
Start is identified by a falling edge of Serial Data (SDA) while Serial Clock (SCL) is stable in
the high state. A Start condition must precede any data transfer instruction. The device
continuously monitors (except during a Write cycle) Serial Data (SDA) and Serial Clock
(SCL) for a Start condition.
3.2
Stop condition
Stop is identified by a rising edge of Serial Data (SDA) while Serial Clock (SCL) is stable and
driven high. A Stop condition terminates communication between the device and the bus
master.
A Stop condition at the end of a Write instruction triggers the internal Write cycle.
3.3
Data input
During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock
(SCL). For correct device operation, Serial Data (SDA) must be stable during the rising edge
of Serial Clock (SCL), and the Serial Data (SDA) signal must change only when Serial Clock
(SCL) is driven low.
3.4
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter,
whether it be bus master or slave device, releases Serial Data (SDA) after sending eight bits
of data. During the 9th clock pulse period, the receiver pulls Serial Data (SDA) low to
acknowledge the receipt of the eight data bits.


Similar Part No. - M24C16-DRDW8TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRDW3TG STMICROELECTRONICS-M24C16-DRDW3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRDW3TP STMICROELECTRONICS-M24C16-DRDW3TP Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C16-DRDW8TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
   8-Kbit serial IC bus EEPROM - 105C operation
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
   512-Kbit serial IC bus EEPROM - 105C operation
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
   2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
   4-Kbit serial IC bus EEPROM - 105C operation
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
   64-Kbit serial SPI bus EEPROM - 105C operation
M95160-DRE STMICROELECTRONICS-M95160-DRE Datasheet
736Kb / 40P
   16-Kbit serial SPI bus EEPROM - 105 C Operation
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
   4-Kbit serial IC bus EEPROM
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com