Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C64-DRMF3TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24C64-DRMF3TG
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF3TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24C64-DRMF3TG Datasheet HTML 6Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 7Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 8Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 9Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 10Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 11Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 12Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 13Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Device operation
M24C64-A125
10/40
DocID023023 Rev 8
3
Device operation
The device supports the I2C protocol (see Figure 4).
The I2C bus is controlled by the bus master and the device is always a slave in all
communications.
The device (bus master or a slave) that sends data on to the bus is defined as a transmitter;
the device (bus master or a slave) is defined as a receiver when reading the data.
Figure 4. I2C bus protocol


Similar Part No. - M24C64-DRMF3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-DRMF8TG STMICROELECTRONICS-M24C64-DRMF8TG Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRMF8TP STMICROELECTRONICS-M24C64-DRMF8TP Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
More results

Similar Description - M24C64-DRMF3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
   Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
   Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-A125 STMICROELECTRONICS-M24C16-A125 Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
   Automotive 2-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
   Automotive 4-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
   Automotive 256-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
   Automotive 512-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24M01-A125 STMICROELECTRONICS-M24M01-A125 Datasheet
628Kb / 37P
   Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
February 2014 Rev 4
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
   Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
September 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com