Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128T-FCU6T Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24128T-FCU6T
Description  128-Kbit serial I짼C bus EEPROM 4 balls CSP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128T-FCU6T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24128T-FCU6T Datasheet HTML 4Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 5Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 6Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 7Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 8Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 9Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 10Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 11Page - STMicroelectronics M24128T-FCU6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Signal description
M24128T-FCU
8/36
DocID028396 Rev 1
2
Signal description
2.1
Serial Clock (SCL)
SCL is an input. The signal applied on the SCL input is used to strobe the data available on
SDA(in) and to output the data on SDA(out).
2.2
Serial Data (SDA)
SDA is an input/output used to transfer data in or data out of the device. SDA(out) is an
open drain output that may be wire-OR’ed with other open drain or open collector signals on
the bus. A pull-up resistor must be connected from Serial Data (SDA) to VCC (Figure 9
indicates how to calculate the value of the pull-up resistor).
2.3
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.4
Supply voltage (VCC)
2.4.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Operating conditions
in Section 8: DC and AC parameters). In order to secure a stable DC supply voltage, it is
recommended to decouple the VCC line with a suitable capacitor (usually from10 nF to
100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a write instruction, until the completion of the internal write cycle (tW).
2.4.2
Power-up conditions
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
(see Operating conditions in Section 8: DC and AC parameters) and the rise time must not
vary faster than 1 V/µs.
2.4.3
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included.
At power-up, the device does not respond to any instruction until VCC has reached the
internal reset threshold voltage. This threshold is lower than the minimum VCC operating
voltage (see Operating conditions in Section 8: DC and AC parameters). When VCC passes
over the POR threshold, the device is reset and enters the Standby Power mode; however,
the device must not be accessed until VCC reaches a valid and stable DC voltage within the
specified [VCC(min), VCC(max)] range (see Operating conditions in Section 8: DC and AC
parameters).


Similar Part No. - M24128T-FCU6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
135Kb / 17P
   256/128 Kbit Serial I짼C Bus EEPROM Without Chip Enable Lines
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
   Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
   Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24128T-FCU6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128S-FCU STMICROELECTRONICS-M24128S-FCU Datasheet
653Kb / 40P
   128-Kbit serial I짼C bus EEPROM 4 balls CSP
November 2015 Rev 7
M24C16-DFCU STMICROELECTRONICS-M24C16-DFCU Datasheet
563Kb / 35P
   16-Kbit serial I짼C bus EEPROM 4 balls CSP
M24C64M-FCU STMICROELECTRONICS-M24C64M-FCU Datasheet
554Kb / 35P
   64-Kbit serial IC bus EEPROM 4 balls CSP
February 2016 Rev 2
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C64S-FCU STMICROELECTRONICS-M24C64S-FCU Datasheet
599Kb / 35P
   64-Kbit serial IC bus EEPROM 4 balls CSP
October 2015 Rev 7
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
   64-Kbit serial IC bus EEPROM 4 balls CSP
October 2015 Rev 1
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com