Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAK7 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # TAK7
Description  Phase Control SCR 1200 Amperes Average 4400 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TAK7 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  TAK7 Datasheet HTML 1Page - Powerex Power Semiconductors TAK7 Datasheet HTML 2Page - Powerex Power Semiconductors TAK7 Datasheet HTML 3Page - Powerex Power Semiconductors TAK7 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1200 Amperes Average
4400 Volts
Revision Date: 03/26/2010
TAK7
1200A
®
Absolute Maximum Ratings
Characteristics
Symbol
Units
Non-Repetitive Transient Peak Reverse Blocking Voltage
VRSM
VRRM + 100V
Volts
RMS On-State Current, TC = 82°C
IT(RMS)
1700
Amperes
Average Current 180° Sine Wave, TC = 82°C
IT(AV)
1200
Amperes
RMS On-State Current, TC = 55°C
IT(RMS)
Amperes
Average Current 180° Sine Wave, TC = 55°C
IT(AV)
960
Amperes
Peak One Cycle Surge On-State Current (Non-Repetitive) 60 Hz
ITSM
40,000
Amperes
Peak One Cycle Surge On-State Current (Non-Repetitive) 50 Hz
ITSM
36,500
Amperes
Critical Rate-of-rise of On-State Current (Non-Repetitive)
di/dt
400
A/μsec
Critical Rate-of-rise of On-State Current (Repetitive)
di/dt
150
A/μsec
I
2t (for Fusing) for One Cycle, 60 Hz
I
2t
6.67 X 10
6
A
2 sec
Peak Gate Power Dissipation
PGM
16
Watts
Average Gate Power Dissipation
PG(av)
3
Watts
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Approximate Weight
2.2
lb
1000
g
Mounting Force
9000 to 11000
lb.
4100 to 5000
kg.
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Similar Part No. - TAK7

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TAK71200A POWEREX-TAK71200A Datasheet
335Kb / 4P
   Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7361202DH POWEREX-TAK7361202DH Datasheet
335Kb / 4P
   Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7401202DH POWEREX-TAK7401202DH Datasheet
335Kb / 4P
   Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7441202DH POWEREX-TAK7441202DH Datasheet
335Kb / 4P
   Phase Control SCR 1200 Amperes Average 4400 Volts
More results

Similar Description - TAK7

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TAK71200A POWEREX-TAK71200A Datasheet
335Kb / 4P
   Phase Control SCR 1200 Amperes Average 4400 Volts
C784CM POWEREX-C784CM Datasheet
170Kb / 4P
   Phase Control SCR 1650 Amperes Average 3600-4400 Volts
T9G01200A POWEREX-T9G01200A Datasheet
487Kb / 4P
   Phase Control SCR (1200 Amperes Average 2400 Volts)
C390X555 POWEREX-C390X555 Datasheet
792Kb / 4P
   Phase Control SCR 590 Amperes Average 1200 Volts
2N3884-2N3895 POWEREX-2N3884-2N3895 Datasheet
653Kb / 4P
   Phase Control SCR 175 Amoeres Average 1200 Volts
T7600230 POWEREX-T7600230 Datasheet
665Kb / 4P
   Phase Control SCR (300 Amperes Average 2000 Volts)
C451 POWEREX-C451 Datasheet
498Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
TA201600A POWEREX-TA201600A_13 Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
C180B POWEREX-C180B Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com