Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5234G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS5234G
Description  Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5234G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS5234G Datasheet HTML 5Page - Infineon Technologies AG BTS5234G Datasheet HTML 6Page - Infineon Technologies AG BTS5234G Datasheet HTML 7Page - Infineon Technologies AG BTS5234G Datasheet HTML 8Page - Infineon Technologies AG BTS5234G Datasheet HTML 9Page - Infineon Technologies AG BTS5234G Datasheet HTML 10Page - Infineon Technologies AG BTS5234G Datasheet HTML 11Page - Infineon Technologies AG BTS5234G Datasheet HTML 12Page - Infineon Technologies AG BTS5234G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Smart High-Side Power Switch
BTS 5234G
Electrical Characteristics
Data Sheet
9
V1.0, 2004-01-23
Temperatures
3.1.13
Junction Temperature
Tj
-40
150
°C
3.1.14
Dynamic temperature increase
while switching
∆T
j
-60
°C
3.1.15
Storage Temperature
Tstg
-55
150
°C
ESD Susceptibility
3.1.16
ESD susceptibility HBM
IN, SEN
IS
OUT
VESD
-1
-2
-4
1
2
4
kV
according to
EIA/JESD
22-A 114B
1)
R and L describe the complete circuit impedance including line, contact and generator impedances
2)
Load Dump is specified in ISO 7636, RI is the internal resistance of the Load Dump pulse generator
3)
Current limitation is a protection feature. Operation in current limitation is considered as “outside” normal
operating range. Protection features are not designed for continuous repetitive operation.
4)
Pulse shape represents inductive switch off:
IL(t) = IL(0) * (1 - t / tpeak); 0 < t < tpeak
5)
Device mounted on PCB (50 mm x 50 mm x 1.5mm epoxy, FR4) with 6 cm2 copper heatsinking area (one
layer, 70 µm thick) for Vbb connection. PCB is vertical without blown air.
Unless otherwise specified:
Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit Test
Conditions
min.
max.


Similar Part No. - BTS5234G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
More results

Similar Description - BTS5234G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com