Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE12-3N1131 Datasheet(PDF) 2 Page - SICK AG

Part # WSE12-3N1131
Description  Through-beam photoelectric sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WSE12-3N1131 Datasheet(HTML) 2 Page - SICK AG

  WSE12-3N1131 Datasheet HTML 1Page - SICK AG WSE12-3N1131 Datasheet HTML 2Page - SICK AG WSE12-3N1131 Datasheet HTML 3Page - SICK AG WSE12-3N1131 Datasheet HTML 4Page - SICK AG WSE12-3N1131 Datasheet HTML 5Page - SICK AG WSE12-3N1131 Datasheet HTML 6Page - SICK AG WSE12-3N1131 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/2/2016 3:56:10 AM
Photoelectric sensors
W12-3, Through-beam photoelectric sensor
1) Average service life of 100,000 h at TA = +25 °C
Type
> WSE12-3N1131
Part No.
> 1041463
At a glance
Through-beam variant
Rugged die-cast zinc housing optional Teflon® coating
PinPoint LED technology with highly visible light spot
Chemically, thermally and mechanically resistant metal housing
Dovetail mounting - mounting holes and oblong holes
Highly visible status LEDs
Operating range up to 20 m
Your benefits
High immunity to optical interference provides reliable object detection, large
sensing ranges and high reserve levels
Highly visible PinPoint LED light spot provides quick and easy sensor alignment
Rugged metal housing (optional Teflon® coating available) requires fewer
maintenance costs due to its resistance to high-pressure cleaning
Highly visible status LEDs simplify mounting and reduce installation time
Easy installation using SICK accessories
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
15.6 mm x 48.5 mm x 42 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 20 m
Sensing range:
0 m ... 15 m
Type of light:
Visible red light
Light source:
LED 1)
Wave length:
640 nm
Angle of dispersion:
Ca. 1.5 °
Adjustment:
Potentiometer, 5 turns
Light spot size (distance):
Ø 220 mm (15 m)
Mechanics/electronics


Similar Part No. - WSE12-3N1131

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSE12-3N2411S37 SICK-WSE12-3N2411S37 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
WSE12-3N2431 SICK-WSE12-3N2431 Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
More results

Similar Description - WSE12-3N1131

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com