Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTB12-3N2433 Datasheet(PDF) 2 Page - SICK AG

Part # WTB12-3N2433
Description  Photoelectric proximity sensor, Background suppression
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTB12-3N2433 Datasheet(HTML) 2 Page - SICK AG

  WTB12-3N2433 Datasheet HTML 1Page - SICK AG WTB12-3N2433 Datasheet HTML 2Page - SICK AG WTB12-3N2433 Datasheet HTML 3Page - SICK AG WTB12-3N2433 Datasheet HTML 4Page - SICK AG WTB12-3N2433 Datasheet HTML 5Page - SICK AG WTB12-3N2433 Datasheet HTML 6Page - SICK AG WTB12-3N2433 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/2/2016 5:08:16 AM
Photoelectric sensors
W12-3, Photoelectric proximity sensor, Background suppression
Type
> WTB12-3N2433
Part No.
> 1041417
At a glance
State of the art technology provides precise background suppression
Withstands harsh environments
PinPoint LED technology with highly visible light spot; variants available with IR
LED for highly critical applications
Rugged die-cast zinc housing, with optional Teflon® coating
Versatile mounting options due to dovetail mounting - mounting holes and oblong
holes
Flexible sensing ranges and hysteresis settings
Key lock function, remote teach, quality monitoring
Diagnostics messages (contamination and short-circuit)
Your benefits
State of the art technology, e.g. OES3 provides precise background suppression
and reliable detection of challenging objects
High immunity to ambient light, optical reflections and crosstalk ensures fewer false
readings and less downtime
PinPoint LED technology provides a highly visible light spot that enables quick and
easy sensor alignment
Highly visible status LEDs simplify sensing distance adjustments and reduce
installation time
A rugged metal housing withstands high-pressure cleaners and cleaning agents,
reducing downtime
Complementary outputs in one housing reduce inventory and procurement costs
IO-Link enables quick remote diagnostics and maintenance (optional)
Easy installation using SICK accessories
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
15.6 mm x 48.5 mm x 42 mm
Housing design (light emission):
Rectangular
Sensing range max.:
20 mm ... 350 mm 1)
Sensing range:
20 mm ... 350 mm
Type of light:
Visible red light


Similar Part No. - WTB12-3N2433

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB12-3N2431 SICK-WTB12-3N2431 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, Background suppression
More results

Similar Description - WTB12-3N2433

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB9L-3N2261 SICK-WTB9L-3N2261 Datasheet
794Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9L-3N2461 SICK-WTB9L-3N2461 Datasheet
795Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB9M4L-3P2291 SICK-WTB9M4L-3P2291 Datasheet
743Kb / 7P
   Photoelectric proximity sensor, Background suppression
WTB15-B2431 SICK-WTB15-B2431 Datasheet
779Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB15-P2431 SICK-WTB15-P2431 Datasheet
776Kb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3N130 SICK-WT18-3N130 Datasheet
754Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3N431 SICK-WT18-3N431 Datasheet
785Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P020S15 SICK-WT18-3P020S15 Datasheet
656Kb / 6P
   Photoelectric proximity sensor, Background suppression
WTB11-2P2461P04 SICK-WTB11-2P2461P04 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, Background suppression
WT18-3P131 SICK-WT18-3P131 Datasheet
759Kb / 6P
   Photoelectric proximity sensor, Background suppression
WT18-3P421S36 SICK-WT18-3P421S36 Datasheet
653Kb / 6P
   Photoelectric proximity sensor, Background suppression
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com