Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885012205029 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 885012205029
Description  WCAP-CSGP Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

885012205029 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  885012205029 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012205029 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012205029 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012205029 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012205029 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012205029 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.0
REV
2014-11-10
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-CSGP Ceramic Capacitors
Order.- No.
885012205029
SIZE
A4
Size: 0402
A Dimensions: [mm]
Component Marking:
L ± 0.05
W ± 0.05
H ± 0.05
E +0.05/-0.10
l
p
w
1.0
0.5
0.5
0.25
1.50
0.50
0.50
B Recommended land pattern: [mm]
C Schematic:
D1 Electrical Properties:
Properties
Capacitance
Rated voltage
Dissipation factor
Isolation Resistance
Test conditions
1±0.2 Vrms, 1 MHz ±10%
1±0.2 Vrms, 1 MHz ±10%
Apply UR for 120 s max.
C
UR
DF
RIso
Value
4700
16
≤ 3.5%
≥ 10
Unit
pF
V (DC)
Tol.
± 10%
max.
typ.
E General information:
General Purpose MLCC
Ceramic Type:
Temperature Coeffecient:
Storage Conditions:
Operating Temperature:
Dielectric Strength:
General Test conditions:
FIT according to
X7R Class II
± 15% max.
35°C, <45% RH
-55 °C up to +125 °C
5 sec. @250% UR; Charge & Discharge Current < 50mA
25°C, 30-70% RH; if not specified differently
separate documentation
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 885012205029

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
885012205029 ANALOGTECHNOLOGIES-885012205029 Datasheet
512Kb / 7P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Wurth Elektronik GmbH &...
885012205029 WURTH-885012205029 Datasheet
511Kb / 8P
   MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
More results

Similar Description - 885012205029

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012105005 WURTH-885012105005 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012206031 WURTH-885012206031 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012206051 WURTH-885012206051 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012207074 WURTH-885012207074 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012208017 WURTH-885012208017 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012207052 WURTH-885012207052 Datasheet
905Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012208086 WURTH-885012208086 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012209007 WURTH-885012209007 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012209026 WURTH-885012209026 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012107011 WURTH-885012107011 Datasheet
905Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012210002 WURTH-885012210002 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com