Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC501015A Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC501015A
Description  Rotary sensors catering to diverse position detection needs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC501015A Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RDC501015A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC501015A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC501015A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC501015A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC501015A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC501015A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
464
464
List of Varieties
Resistive Position Sensors
Type
Rotary Type
Magnetic Rotary Type
Series
RDC40
RDC50
RDC90
RDC80
RD6R1A
RDCC0
Photo
Direction of lever
Horizontal
Vertical
Horizontal
Vertical
Effective electrical angle(°)
5,400
(15 rotations)
333.3
80, 260
340(1-phase)
360(2-phase)
320
30
Linearity guarantee range(°)
4,680
(13 rotations)
320
60, 244
330(1-phase)
360(2-phase)
310
±15
Travel
Operating temperature range −30℃ to +80℃
−40℃ to +120℃
−40℃ to +85℃
0℃ to +50℃
Operating life
100,000 cycles 1,000,000 cycles
10,000,000
cycles
100,000 cycles
500,000 cycles
10,000,000
cycles
Available for automotive use
Life cycle (availability)
Mechanical
performance
Operating force
Rotational torque 1.96mN・m max.
2mN・m max.
10mN・m max.
100mN・m
5mN・m max.
Electrical
performance
Total resistance
tolerance
±30%
±20%
Linearity(%)
±1
±2
±3
±2 (320°)
±2
Rated voltage
(V DC)
5
Environmental
performance
Cold
−30℃ 240h
−40℃ 168h
−40℃ 240h
Dry heat
80℃ 240h
120℃ 168h
85℃ 168h
85℃ 240h
Damp heat
60℃,
90 to 95%RH 240h
60℃, 90 to 95%RH 96h
80℃,
90 to 95%RH 96h
60℃,
90 to 95%RH 240h
Terminal style
Connector
Insertion / Reflow
Reflow
Connector
Page
466
469
470
471
Resistive Position Sensors Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 477
Resistive Position Sensors Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 478
Resistive Position Sensors Cautions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 479
Note
Indicates applicability to all products in the series.
NEW


Similar Part No. - RDC501015A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC501015A ALPS-RDC501015A Datasheet
271Kb / 6P
   Rotary Type
More results

Similar Description - RDC501015A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SV01A103AEA01R00 MURATA-SV01A103AEA01R00 Datasheet
832Kb / 23P
   Rotary Position Sensors
R51E MURATA-R51E Datasheet
729Kb / 26P
   Rotary Position Sensors
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Murata Manufacturing Co...
FR05CM21AR MURATA-FR05CM21AR Datasheet
191Kb / 8P
   Rotary Sensors
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Axiomtek Co., Ltd.
DSA-142 AXIOMTEK-DSA-142 Datasheet
268Kb / 1P
   Motion detection sensors
logo
SICK AG
MPA-503THTU0 SICK-MPA-503THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPS-128TLTQ0 SICK-MPS-128TLTQ0 Datasheet
2Mb / 7P
   POSITION SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com