Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK08H1120A05 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK08H1120A05
Description  Compact type potentiometer suitable for volume and tone controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK08H1120A05 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK08H1120A05 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK08H1120A05 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK08H1120A05 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK08H1120A05 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK08H1120A05 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK08H1120A05 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
376
376
Center detent
Length of the shaft
Code
Model type
In addition to the products listed, we can accommodate the follow specifications.
Total Resistance Variety
Total resistance(k Ω)
5
10
20
50
100
Resistance taper
15A
1B
3B
15C
Resistance Taper
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 0 8 H 1 1 1 0
F 1
C 0
B 1 0 3
Detent
Code
C0
C1
Without
With
Model type
111
112
Single-unit Vertical type
113
Single-unit Reflow type
121
Dual-unit Vertical type
Single-unit Back-to-back mounting type
122
123
Dual-unit Back-to-back mounting type
Dual-unit Reflow type
Resistance taper
Code
A
B
Resistance taper
15A
1B
Resistance taper
15C
3B
Code
C
V
Length of the shaft(mm)
Code
F1
1
F4
4.5
Total resistance
Code
502
103
203
Total resistance
(k Ω)
5
10
20
Total resistance
(k Ω)
50
100
Code
503
104
*Only 1mm types are provided with the M1.4 tap screws.
*Reflow soldering cannot be applied in the 4.5 mm type.
*Detent can only be specified for non-reflow single-unit types.
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
J
    Marked are specifications recommended by ALPS.
Note
Without Knob Type / Other Specifications
Without Knob Type / Ordering Products Not Listed


Similar Part No. - RK08H1120A05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK08H1120A05 ETC-RK08H1120A05 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK08H1120A05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC75382E SANYO-LC75382E Datasheet
284Kb / 16P
   Electronic Tone Controls for Car Stereo Systems?
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
   Suitable for Switching regulator, Inverters motor controls
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com