Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09L1220A1B Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L1220A1B
Description  Single-unit and dual-unit types suit a variety of controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L1220A1B Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK09L1220A1B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L1220A1B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L1220A1B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L1220A1B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L1220A1B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L1220A1B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
349
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Soldering time
No. of solders
RK09L, RK097
350℃ max.
3s max.
1 time
RK203
300℃ max.
3s max.
1 time
RK119
350±10℃
3   s
1 time
RK271
350℃ max.
5s max.
1 time
RK501
350±10℃
5   s
1 time
RK163
350℃ max.
5s max.
1 time
RK168
Potentiometer
terminal
300℃ max.
3s max.
1 time
Motor terminal
350℃ max.
2s max.
1 time
Series
Preheating
Dip soldering
No. of solders
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RK09L, RK097, RK203
100℃ max.
2 min. max.
260±5℃
5±1s
2 time max.
RK501
120±10℃
2 min. max.
260±5℃
5±1s
2 time
+1
0
Series
A
B
C
D
E
F
G
H
No. of reflows
RK119
260℃
230℃
180℃
150℃
2 min.
3s
40s
4 min.
2 time max.
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or at type that uses
infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
temperature of the potentiometer does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
+1
0
Metal Shaft Potentiometers / Soldering Conditions


Similar Part No. - RK09L1220A1B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L1220A1B ALPS-RK09L1220A1B Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L1220A1B ETC-RK09L1220A1B Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L1220A1B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
Murata Manufacturing Co...
XRCGB25M000FFS1JR0 MURATA1-XRCGB25M000FFS1JR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB26M000F1SALR0 MURATA1-XRCGB26M000F1SALR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SAAR0 MURATA1-XRCGB32M000F1SAAR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SABR0 MURATA1-XRCGB32M000F1SABR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SALR0 MURATA1-XRCGB32M000F1SALR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com