Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-DWMN3TG Datasheet(PDF) 8 Page - STMicroelectronics

Part # M95040-DWMN3TG
Description  Automotive 4-Kbit serial SPI bus EEPROMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DWMN3TG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M95040-DWMN3TG Datasheet HTML 4Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 5Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 6Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 7Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 8Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 9Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 10Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 11Page - STMicroelectronics M95040-DWMN3TG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Signal description
M95040-A125 M95040-A145
8/41
DocID024225 Rev 6
2
Signal description
All input signals must be held high or low (according to voltages of VIH or VIL, as specified in
Table 12 and Table 13). These signals are described below.
2.1
Serial Data output (Q)
This output signal is used to transfer data serially out of the device during a Read operation.
Data is shifted out on the falling edge of Serial Clock (C), most significant bit (MSB) first. In
all other cases, the Serial Data output is in high impedance.
2.2
Serial Data input (D)
This input signal is used to transfer data serially into the device. D input receives
instructions, addresses, and the data to be written. Values are latched on the rising edge of
Serial Clock (C), most significant bit (MSB) first.
2.3
Serial Clock (C)
This input signal allows to synchronize the timing of the serial interface. Instructions,
addresses, or data present at Serial Data Input (D) are latched on the rising edge of Serial
Clock (C). Data on Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
Driving Chip Select (S) low selects the device in order to start communication. Driving Chip
Select (S) high deselects the device and Serial Data output (Q) enters the high impedance
state.
2.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device. During the Hold condition, the Serial Data Output (Q) is high
impedance, and the Serial Data Input (D) and Serial Clock (C) are Don’t Care. To start the
Hold condition, the device must be selected, with Chip Select (S) driven low.
2.6
Write Protect (W)
This pin is used to write-protect the Status Register.
2.7
VSS ground
VSS is the reference for all signals, including the VCC supply voltage.


Similar Part No. - M95040-DWMN3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040-DW3 STMICROELECTRONICS-M95040-DW3 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M95040-DW3/G STMICROELECTRONICS-M95040-DW3/G Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040-DW3/S STMICROELECTRONICS-M95040-DW3/S Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040-DW3/W STMICROELECTRONICS-M95040-DW3/W Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M95040-DW3/W STMICROELECTRONICS-M95040-DW3/W Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
More results

Similar Description - M95040-DWMN3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95020-A125 STMICROELECTRONICS-M95020-A125 Datasheet
761Kb / 41P
   Automotive 2-Kbit serial SPI bus EEPROMs
M95080-A125 STMICROELECTRONICS-M95080-A125 Datasheet
777Kb / 42P
   Automotive 8-Kbit serial SPI bus EEPROMs
M95160-A125 STMICROELECTRONICS-M95160-A125 Datasheet
776Kb / 42P
   Automotive 16-Kbit serial SPI bus EEPROMs
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
   Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
   Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
   Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
   Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com