Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK10J11R001Y Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK10J11R001Y
Description  Low-profile, dip and reflow solderable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK10J11R001Y Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK10J11R001Y Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK10J11R001Y Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
379
379
RK10J/RK14J/With Knob Type
10mm
Single-unit/
Dual-unit
RK10J1□E
10mm
Single-unit/
Dual-unit
RK10J1□R
Reflow-type)
14mm
Single-unit/
Dual-unit
RK14J1□A
RK14J1□R
Total resistance(k Ω)
Refer to P.381 for ordering products not listed.
Total Resistance Variety
10
20
50
100
Resistance Taper
Resistance taper
15A
1B
3B
15C
Terminal Layout
Resistance taper A or B
Resistance taper C
Single-unit
Single-unit
Dual-unit
Dual-unit
12 3
R1
R2 12 3
12
3
12 3
R1
R2
12 3
123
1 23
12 3
R1
R2
12
3
R1
R2
2
3
12
3
1
1 23
12
3
R1
R2
123
12
3
12
3
R1
R2
13 2
12
3
17.2
6.2
7
0.3
5.6
6.4
4
8
10.2
1
2
1.1
(0.6)
0.4
(0.9)
0.12
ø15
1.5
14.6
1.5
6.3
5.5
2-1
5-1.2
4
8
Center of knob.
Solder lands are
indicated by
the shaded areas
1
2
3
Circuit Diagram
2
3
1 1
2
3
2
3
1
1
2
3
Single-unit
Dual-unit
Dual-unit resistance taper 15C
Unit:mm
No.
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Dimensions
4
RK14J1 □ R
With Knob Type / Other Specifications
In addition to the products listed, we can accommodate the follow specifications.


Similar Part No. - RK10J11R001Y

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J11R001Y ALPS-RK10J11R001Y Datasheet
319Kb / 6P
   With Knob Type
logo
List of Unclassifed Man...
RK10J11R001Y ETC-RK10J11R001Y Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK10J11R001Y

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
DPX-0R5 MARKIMICROWAVE-DPX-0R5 Datasheet
458Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com