Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK12L12C0C0V Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L12C0C0V
Description  High performance 12mm wide type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L12C0C0V Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK12L12C0C0V Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK12L12C0C0V Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
365
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 1 2 L 1 2 C 0
F 3 0
C 0
A 5 0 3
Detent
Model type
Code
1
3
Model type
Horizontal type for tone
A
Horizontal type for vol.
C
Vertical type for vol.
Vertical type for tone
Shaft type
Code
F
Shaft type
Flat
Resistance taper
Only available in flat format.
Length of the shaft LM1(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
Total resistance
Code
C0
C1
Center detent
Without
With
Code
A
B
Resistance taper
15A
1B
Resistance taper
15C
Code
C
3B
V
Code
502
103
203
Total resistance
(k Ω)
5
10
20
Total resistance
(k Ω)
50
100
200
Code
503
104
204
B: For tone & general(Model type : 1,3)
V: For vol.(Model type : A,C)
     Marked are specifications recommended by Alps.
Note
12mm Size Insulated Shaft Snap-in Type / Ordering Products Not Listed


Similar Part No. - RK12L12C0C0V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L12C0C0V ALPS-RK12L12C0C0V Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK12L12C0C0V ETC-RK12L12C0C0V Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK12L12C0C0V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
ASH1201 OPTOSUPPLY-ASH1201 Datasheet
577Kb / 1P
   12mm wide IP67& IP68 LED light strip
logo
Laird Tech Smart Techno...
S49014WP LSTD-S49014WP Datasheet
504Kb / 1P
   Wide-band high-gain performance
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
logo
ATMEL Corporation
M90E26 ATMEL-M90E26_14 Datasheet
704Kb / 60P
   Single-Phase High-Performance Wide-Span
logo
List of Unclassifed Man...
K3001 ETC2-K3001 Datasheet
262Kb / 1P
   Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com