Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14J12R0A0C Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14J12R0A0C
Description  Low-profile, dip and reflow solderable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14J12R0A0C Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RK14J12R0A0C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK14J12R0A0C Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
382
382
Knob Operating Type Potentiometers / Soldering Conditions
No. of reflows
No. of solders
No. of solders
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
1 time
1 time
Soldering temperature
Soldering time
Soldering surface temperature
Heating time
RK08H1□1, RK08H1□2, RK10J, RK14J
RK14J1□A
Series
Series
350℃ max.
80 to 120℃
70±30s
3s max.
260℃±5℃
4±1s
Tip temperature
Preheating
Soldering time
Dip soldering
Reference for Manual Soldering
Reference for Dip Soldering
RK08H1□3, RK10J1□R,
RK14J1□R
250℃
3s
4 min.
2 time max.
200℃
2 min.
40s
150℃
150℃
Series
Example of Reflow Soldering Condition
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Temperature profile
D
A
B
C
E
G
F
H


Similar Part No. - RK14J12R0A0C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14J12R0A0C ALPS-RK14J12R0A0C Datasheet
319Kb / 6P
   With Knob Type
logo
List of Unclassifed Man...
RK14J12R0A0C ETC-RK14J12R0A0C Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14J12R0A0C

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
DPX-0R5 MARKIMICROWAVE-DPX-0R5 Datasheet
458Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com