Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK14K1240A4S Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K1240A4S
Description  A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K1240A4S Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK14K1240A4S Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K1240A4S Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K1240A4S Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K1240A4S Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K1240A4S Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14K1240A4S Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
368
Dimensions
Unit:mm
No.
1
2
3
4
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
LM1
R1
60˚
2.6
2
6.25
(8.2)
13.5
(16.1)
14
0.7
Shaft shown in
full CCW position
R1
LM1
60˚
14
(8.2)
(3.5)
(3.2)
surface
Mounting
Shaft shown in
full CCW position
60˚
13.5
16.1
14
0.7
6
8
7
(7.5)
22.5
15
6.25
2
2.6
M9G0.75
Shaft shown in
full CCW position
5
60˚
14
6
8
(3.5)
(7.5)
(3.2)
M9G0.75
surface
Mounting
Shaft shown in
full CCW position
5
R1
L1
LM1
Horizontal type without bushing
RK14K121(For tone control)
RK14K12A(For vol. control)
Vertical type without bushing
RK14K123(For tone control)
RK14K12C(For vol. control)
Horizontal type with bushing
RK14K122(For tone control)
RK14K12B(For vol. control)
Vertical type with bushing
RK14K124(For tone control)
RK14K12D(For vol. control)
LM1
25
R1
12
15
4.5
LM1
15
20
R1
4.5
7
25
12
L1
12.5 17.5
R1
7
12
20
LM1
20
25
27.5
12
25
32.5
12
14mm Size Insulated Shaft Snap-in Type
RK14K
2.1
3.3
7-ø1 hole
2
15.3
4
12
8
7-ø1 hole
3.3
2.1
7-ø1 hole
7-ø1 hole
8
12
4
15.3
2


Similar Part No. - RK14K1240A4S

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1240A4S ALPS-RK14K1240A4S Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK14K1240A4S ETC-RK14K1240A4S Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K1240A4S

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
QUARTZCOM the communica...
HC-49U QUARTZCOM-HC-49U Datasheet
87Kb / 1P
   Applications: telecommunications, audio, instruments, interface
HC-49S QUARTZCOM-HC-49S Datasheet
90Kb / 1P
   Applications: microprocessors, audio, instruments, interface
HC-49UMJ QUARTZCOM-HC-49UMJ Datasheet
90Kb / 1P
   Applications: telecommunications, audio, automotive, instruments
logo
CTS Corporation
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
logo
Bi technologies
P140KV BITECH-P140KV_09 Datasheet
87Kb / 4P
   14mm Rotary Potentiometer
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com