Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC35A Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SC35A
Description  35 AMP SOZA CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SC35A Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SC35A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SC35A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC35A
THRU
SC35M
35 AMP SOZA CELL
特征
FEATURES
SC
.大电流承受能力.High current capability
.正向压降低.Low forward voltage drop
.低漏电. Low leakage current
.高浪涌承受能力.High surge current capability
机械数据
MECHANICAL DATA
. 小铜粒:
ψ0.258(6.55) x 0.0394(1.0)厚度
Small copper:ψ0.258(6.55) x 0.0394(1.0)Thick
. 大铜粒:
ψ0.284(7.22) x 0.0295(0.75)厚度
Large copper:ψ0.284(7.22) x 0.0295(0.75)Thick
. 外观信息:
ψ0.284(7.22) x 0.0866(2.2)厚度
Outline information:ψ0.284(7.22) x 0.0866(2.2)Thick
. 极 性:大铜粒端为阴极。
Polarity:Large copper cathode
Dimension in inches(millimeters)
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
SC
SYMBO
L
35A
35B
35D
35G
35J
35K
35M
UNITS
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
最大反向有效电压
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
最大正向平均整流电流
TL=100℃
Maximum Average Forward Rectified Current
I(AV)
35
Amps
正向峰值浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
400
Amps
35A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage
Drop at 35A DC
VF
1.0
Volts
最大反向漏电流
Maximum DC Reverse Current
TA=25℃
at Rated DC Blocking Voltage
TA=125℃
IR
5
250
uA
典型结电容
Typical Junction Capacitance (NOTE 1)
CJ
300
pF
工作温度存储温度
Operating AND Storage Temperature Range
TSTG/ TJ
-55 to +150
NOTE: 1.Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
www.shunyegroup.com.cn


Similar Part No. - SC35A

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Shanghai Shunye Electro...
SC35A-SC35M SHUNYE-SC35A-SC35M Datasheet
189Kb / 2P
   SOZA CELL
More results

Similar Description - SC35A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC3524 SHUNYE-SC3524 Datasheet
267Kb / 2P
   35 AMP SOZA CELL
SC2524 SHUNYE-SC2524 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
SC25A SHUNYE-SC25A Datasheet
222Kb / 2P
   25 AMP SOZA CELL
SC5024 SHUNYE-SC5024 Datasheet
246Kb / 2P
   50 AMP SOZA CELL
SC50A SHUNYE-SC50A Datasheet
240Kb / 2P
   50 AMP SOZA CELL
logo
DIOTEC Electronics Corp...
BUDI-3500D-1A DEC-BUDI-3500D-1A Datasheet
66Kb / 1P
   35 AMP SOZA DIODE CELLS
BAR3501D DEC-BAR3501D Datasheet
246Kb / 1P
   35 AMP SOZA DIODE CELLS
logo
FCI connector
SCFR3518-C3530 FCI-CONNECTOR-SCFR3518-C3530 Datasheet
451Kb / 2P
   35 Amps SOZA CELL AUTO AVALANCHE DIODES
logo
MIC GROUP RECTIFIERS
SOZAA20L MIC-SOZAA20L Datasheet
20Kb / 1P
   SOZA CELL
logo
Shanghai Shunye Electro...
SC35A-SC35M SHUNYE-SC35A-SC35M Datasheet
189Kb / 2P
   SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com