Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AWS Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SD103AWS
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SD103AWS Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SD103AWS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SD103AWS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS-SD103CWS
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Marking: SD103AWS:S4, SD103BWS:S5, SD103CWS:S6
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
40
SD103AWS
350
1.5
200
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
low reverse capacitance
Maximum ratings and electrical characteristics, Single diode @TA=25
VOLTS
SYMBOLS
UNITS
VRRM
VRMS
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t 1.0s
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
A
mW
/W
SD103BWS
SD103CWS
30
20
28
21
14
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD103AWS
SD103BWS
SD103CWS
Fowrard voltage
Reverse current
SD103AWS
SD103BWS
SD103CWS
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
40
30
20
0.37
0.60
5.0
50
10
V
V
uA
pF
ns
IR=10
uA
IR=10
uA
IR=10
uA
IF=20mA
IF=200mA
VR=30V
VR=20V
VR=10V
VR=0V,f=1.0MHz
IF=IR=200mA
Irr=0.1XIR,RL=100
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
Dimensions in millimeters and (inches)
SCHOTTK DIODES
Y
www.shunyegroup.com


Similar Part No. - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Microdiode Electronics ...
SD103AWS CHENDA-SD103AWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
More results

Similar Description - SD103AWS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com