Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1631210AWN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631210AWN
Description  A wide range of versatile products applicable for various types of control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631210AWN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK1631210AWN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
332
A wide range of versatile products applicable for
various types of control
16mm Size Metal Shaft Type
RK163
Refer to P.334 for other specifications.
Refer to P.335 for attached parts.
Refer to P.336 for ordering products not listed.
Refer to P.349 for soldering conditions
Other varieties are also available. Refer to "Other Specifications" (P.334).
Note
Product Line
Number of
resistor elements
Mounting
direction
Shaft
type
Length of the shaft
L1(mm)
Center
detent
Total resistance
(k Ω)
Resistance
taper
Minimum order unit(pcs.)
Japan
Expert
Drawing
No.
Single-unit
Dual-unit
for tone
Dual-unit
for vol.
Horizontal
type
Flat
Serrated
Flat
Serrated
Flat
Serrated
Terminal
style
For PC
board
Lead
For PC
board
For PC
board
Lead
15
20
15
20
15
20
25
15
Without
Without
With
10
20
10
50
10
1B
1B
15A
15A
3B
15A
Products No.
RK1631110TBK
RK1631110TT3
RK1631110U1Q
RK1631110TNP
RK1631110TTU
RK1631110U0Q
RK1631210AWN
RK16312101A2
RK1631210AX9
RK16312A0B85
RK16312A0BKH
RK16312A0BKR
600
1,200
200
400
600
1,200
200
400
600
1,200
1
2
3
4
5
6
5
6
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
150V AC, 5V DC
Total rotational angle
300°±3°
Rotational torque
3 to 25mN・m
Operating life
15,000 cycles
Operating temperature range
−10℃ to +70℃
Packing Specifications
Bulk
Terminal style
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan 1 case /export packing
For PC board
600
1,200
326×532×386
Lead
200
400
270×360×155


Similar Part No. - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631210AWN ALPS-RK1631210AWN Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK1631210AWN ETC-RK1631210AWN Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com