Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK16812MG099 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK16812MG099
Description  Remote controllable and available in a wide variety of products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK16812MG099 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK16812MG099 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK16812MG099 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK16812MG099 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK16812MG099 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK16812MG099 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
349
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Soldering time
No. of solders
RK09L, RK097
350℃ max.
3s max.
1 time
RK203
300℃ max.
3s max.
1 time
RK119
350±10℃
3   s
1 time
RK271
350℃ max.
5s max.
1 time
RK501
350±10℃
5   s
1 time
RK163
350℃ max.
5s max.
1 time
RK168
Potentiometer
terminal
300℃ max.
3s max.
1 time
Motor terminal
350℃ max.
2s max.
1 time
Series
Preheating
Dip soldering
No. of solders
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RK09L, RK097, RK203
100℃ max.
2 min. max.
260±5℃
5±1s
2 time max.
RK501
120±10℃
2 min. max.
260±5℃
5±1s
2 time
+1
0
Series
A
B
C
D
E
F
G
H
No. of reflows
RK119
260℃
230℃
180℃
150℃
2 min.
3s
40s
4 min.
2 time max.
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or at type that uses
infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
temperature of the potentiometer does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
+1
0
Metal Shaft Potentiometers / Soldering Conditions


Similar Part No. - RK16812MG099

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK16812MG099 ALPS-RK16812MG099 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
List of Unclassifed Man...
RK16812MG099 ETC-RK16812MG099 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK16812MG099

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
RS201111J011 ALPS-RS201111J011 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RS-1 ALPS-RS-1 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com