Electronic Components Datasheet Search |
|
RK09L12DF12C1A103 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD. |
|
RK09L12DF12C1A103 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD. |
4 / 6 page 316 When ordering product varieties that are not listed, specify referring to the examples below. Sample Part Number R K 0 9 L 1 1 4 0 F 1 5 C 0 B 1 0 3 Model type Code 112 114 Model type Single-unit horizontal type 122 Dual-unit horizontal type for tone 124 Dual-unit vertical type for tone 12B Dual-unit horizontal type for vol. 12D Dual-unit vertical type for vol. Single-unit vertical type Shaft type Code F Shaft type Flat Resistance taper Total resistance Code 502 103 203 Total resistance (k Ω) 5 10 20 Total resistance (k Ω) 50 100 — Code 503 104 — Length of the shaft L1(mm) Code 12 Length of the shaft 12.5 15 15 Code 17 20 Length of the shaft 17.5 Length of the shaft 25 20 Code 25 * Only available in flat format. Detent Code C0 C1 Center detent Without With 100 90 80 70 60 50 40 30 20 10 0 100 90 80 70 60 50 40 30 20 10 Rotation travel ( %) Term."1" Term."3" J A(15A) 100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90 100 C(15C) Rotation travel ( %) Term."1" Term."3" J B: For tone & general (model type : 112, 114, 122, 124) V: For vol. (model type : 112, 114, 12B, 12D) Marked are specifications recommended by Alps. Note Code A B Resistance taper 15A 1B Resistance taper 3B 15C Code V C 9mm Size Metal Shaft Snap-in Type / Ordering Products Not Listed — — |
Similar Part No. - RK09L12DF12C1A103 |
|
Similar Description - RK09L12DF12C1A103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |