Electronic Components Datasheet Search |
|
RK09L12DF12C1A103 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD. |
|
RK09L12DF12C1A103 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD. |
6 / 6 page 349 Reference for Manual Soldering Example of Reflow Soldering Condition Reference for Dip Soldering 300 200 100 A B C Time (s) G max. F max. H max. E max. Room temperature Pre-heating D Series Tip temperature Soldering time No. of solders RK09L, RK097 350℃ max. 3s max. 1 time RK203 300℃ max. 3s max. 1 time RK119 350±10℃ 3 s 1 time RK271 350℃ max. 5s max. 1 time RK501 350±10℃ 5 s 1 time RK163 350℃ max. 5s max. 1 time RK168 Potentiometer terminal 300℃ max. 3s max. 1 time Motor terminal 350℃ max. 2s max. 1 time Series Preheating Dip soldering No. of solders Soldering surface temperature Heating time Soldering temperature Soldering time RK09L, RK097, RK203 100℃ max. 2 min. max. 260±5℃ 5±1s 2 time max. RK501 120±10℃ 2 min. max. 260±5℃ 5±1s 2 time +1 0 Series A B C D E F G H No. of reflows RK119 260℃ 230℃ 180℃ 150℃ 2 min. 3s 40s 4 min. 2 time max. 1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or at type that uses infrared rays in combination with hot air. 2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to 250℃ or greater. 3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use. Notes Temperature profile +1 0 Metal Shaft Potentiometers / Soldering Conditions |
Similar Part No. - RK09L12DF12C1A103 |
|
Similar Description - RK09L12DF12C1A103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |