Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKJXT1F42001 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXT1F42001
Description  A space-saving device with single shaft 4-directions/push/encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXT1F42001 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RKJXT1F42001 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXT1F42001 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RKJXT1F42001 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RKJXT1F42001 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
434
Type
Switch type
Series
RKJXT1F
RKJXM
RKJXW
RKJXM1
RKJXM2
RKJXW1
RKJXW2
Photo
Dimensions
(typical value)
(mm)
W
17
11
19.5
36
61
D
48.5
70
H
10.5
6.6
5.45
26.5
17
Number of operating shafts
Single-shaft
Dual-shaft
Single-shaft
Dual-shaft
Shaft material
Metal
The inner shaft:Metal
The outer shaft:Resin
Metal
Resin
Directional resolution
4-direction
8-direction
Directional operating feeling
(tactile feeling)
With
Lever return mechanism
With
Center-push switch
With
Encoder
With
Without
With
Operating temperature range
−40℃ to +85℃
Operating
life
Directional operation
total with 4-direction
50,000 cycles
total with 8-direction
100,000 cycles
30,000 cycles for each direction
Center-push
30,000 cycles
100,000 cycles
Encoder
15,000 cycles
15,000 cycles
30,000 cycles
Automotive use
Life cycle (availability)
Rating(max.)(Resistive load)
10mA 5V DC
Electrical
performance
Output voltage
Encoder resolution
15pulses/360°
15pulses/360°
Insulation resistance
100MΩ min. 250V DC
10MΩ min. 50V DC
Voltage proof
250V AC for 1min.
360V AC for 2s
60V AC for 2s
Mechanical
performance
Directional
operating force
40±25mN・m
Direction A, B, C, D
30±20mN・m
2.5±1.5N
3.5±2N
Direction AB, BC, CD, DA
25±20mN・m
Push operating force
5.2±2.6N
7.4±3N
3±1.5N
Encoder detent torque
15±8mN・m
12±8mN・m
30±20mN・m
40±16mN・m
Terminal strength
5N for 1min.
Actuator
strength
Push / pull
directions
100N(Push/Pull)
100N(Push),50N(Pull)
100N(Push/Pull) 100N(Push),ー(Pull)
Operating
direction
0.4N・m
0.3N・m
50N
100N
Environmental
performance
Cold
−40℃ 500h
Dry heat
85℃ 500h
Damp heat
60℃, 90 to 95%RH 500h
Page
443
445
447
Switch Type Multi Control Devices Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 461
Switch Type Multi Control Devices Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 462
Note Indicates applicability to all products in the series.
NEW
NEW
List of Varieties
Multi Control Devices


Similar Part No. - RKJXT1F42001

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXT1F42001 ALPS-RKJXT1F42001 Datasheet
140Kb / 2P
   4-directional Stick Switch (with Encoder/Center-push Function)
logo
List of Unclassifed Man...
RKJXT1F42001 ETC-RKJXT1F42001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RKJXT1F42001

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXM ALPS-RKJXM_15 Datasheet
820Kb / 4P
   Single and dual shaft structured device contributes to simple operation and space saving
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
TPD5E003 TI-TPD5E003 Datasheet
733Kb / 10P
[Old version datasheet]   Five Channel Space Saving ESD Protection Device
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030_V01 Datasheet
276Kb / 1P
   SPACE-SAVING FAN HEATER WITH FAN
19.03.2019
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com