Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000A Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 6Page - STMicroelectronics RHFL6000A Datasheet HTML 7Page - STMicroelectronics RHFL6000A Datasheet HTML 8Page - STMicroelectronics RHFL6000A Datasheet HTML 9Page - STMicroelectronics RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics RHFL6000A Datasheet HTML 13Page - STMicroelectronics RHFL6000A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
RHFL6000A
10/31
DocID028379 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI = 2.5 V to 12 V, IO = 300 mA,
TJ = -55 °C
35
VI = 2.5 V to 12 V, IO = 1 A,
TJ = -55 °C
80
VI = 2.5 V to 12 V, IO = 30 mA,
TJ = +125 °C
7
VI = 2.5 V to 12 V, IO = 300 mA,
TJ = +125 °C
30
VI = 2.5 V to 12 V, IO = 1 A,
TJ = +125 °C
60
IqOFF
Quiescent
current
OFF mode
VI = 2.5 V, VINH = 2.4 V, OFF mode,
TJ = -55 to +125 °C
0.2
1
mA
Vd
Dropout voltage
IO = 400 mA, VO = 2.5 to 9 V,
(+25 °C)
300
450
mV
IO = 400 mA, VO = 2.5 to 9 V,
(-55 °C)
250
400
IO = 400 mA, VO = 2.5 to 9 V,
(+125 °C)
350
550
IO = 1 A, VO = 2.5 to 9 V, (+25 °C)
570
800
IO = 1 A, VO = 2.5 to 9 V, (-55 °C)
470
700
IO = 1 A, VO = 2.5 to 9 V, (+125 °C)
700
900
IO = 2 A, VO = 2.5 to 9 V, (+25 °C)
550
IO = 2 A, VO = 2.5 to 9 V, (-55 °C)
500
IO = 2 A, VO = 2.5 to 9 V, (+125 °C)
700
VINH(ON)
Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
0.8
V
VINH(OFF) Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
2.4
SVR
Supply voltage
rejection (3)
VI = VO + 2.5 V ± 0.5
V,
VO = 3 V IO = 5 mA
f = 120 Hz
60
70
dB
f = 33 Hz
30
40
ISH
Shutdown input
current
VINH = 5 V
15
µA
VOCM
OCM pin voltage Sinked IOCM = 24 mA active low
0.38
V
tPLH
Inhibit
propagation
delay, turn-off (3)
VI = VO + 2.5 V,
VINH = from 0 V to 2.4 V,
IO = 400 mA ,
VO = 3 V, CI = CO = 10 µF
30
µs


Similar Part No. - RHFL6000A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP01V STMICROELECTRONICS-RHFL6000LAKP01V Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP02V STMICROELECTRONICS-RHFL6000LAKP02V Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP1 STMICROELECTRONICS-RHFL6000LAKP1 Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
More results

Similar Description - RHFL6000A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
LEO3910 STMICROELECTRONICS-LEO3910 Datasheet
2Mb / 21P
   Rad-hard plastic 2 A positive low drop voltage regulator
February 2022 Rev 2
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com