Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000AKP1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFL6000AKP1
Description  2 A rad-hard adjustable positive voltage regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000AKP1 Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL6000AKP1 Datasheet HTML 1Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 2Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 3Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 4Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 5Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 6Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 7Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 8Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
List of figures
RHFL6000A
4/31
DocID028379 Rev 2
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Pin configuration (top view) .........................................................................................................6
Figure 3: Typical application diagram .......................................................................................................12
Figure 4: Heavy Ions test configuration ....................................................................................................14
Figure 5: Output voltage vs temperature ..................................................................................................21
Figure 6: Output voltage vs temperature ..................................................................................................21
Figure 7: Output voltage vs temperature ..................................................................................................21
Figure 8: Output voltage vs temperature ..................................................................................................21
Figure 9: Line regulation vs temperature ..................................................................................................22
Figure 10: Load regulation vs temperature (IOUT = 5 mA to 400 mA) .......................................................22
Figure 11: Load regulation vs temperature (IOUT = 5 mA to 1 A, VIN = 2.5 V ............................................22
Figure 12: Dropout voltage vs. temperature (IOUT = 0.4 A) .......................................................................22
Figure 13: Dropout voltage vs temperature (IOUT = 1 A) ...........................................................................23
Figure 14: Dropout voltage vs temperature (IOUT = 2 A) ...........................................................................23
Figure 15: Quiescent current (OFF mode)................................................................................................23
Figure 16: Quiescent current (ON mode, IOUT = 5 mA).............................................................................23
Figure 17: Quiescent current (ON mode, IOUT = 1 A)................................................................................24
Figure 18: Quiescent current (ON mode, IOUT = 2 A)................................................................................24
Figure 19: Short circuit current vs RSHORT .................................................................................................24
Figure 20: SVR vs frequency....................................................................................................................24
Figure 21: SVR vs frequency (T = 90 °C) .................................................................................................24
Figure 22: Turn on transient .....................................................................................................................24
Figure 23: Turn off transient .....................................................................................................................25
Figure 24: Line transient (IOUT = 0.8 A, VOUT = 3 V) ..................................................................................25
Figure 25: Line transient (IOUT = 2 A, VOUT = 2.5 V) ..................................................................................25
Figure 26: Load transient ..........................................................................................................................25
Figure 27: Stability area for ceramic capacitor .........................................................................................25
Figure 28: Stability area for tantalum capacitor ........................................................................................25
Figure 29: Flat-16P package outline.........................................................................................................26


Similar Part No. - RHFL6000AKP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP01V STMICROELECTRONICS-RHFL6000LAKP01V Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP02V STMICROELECTRONICS-RHFL6000LAKP02V Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL6000LAKP1 STMICROELECTRONICS-RHFL6000LAKP1 Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
More results

Similar Description - RHFL6000AKP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
LEO3910 STMICROELECTRONICS-LEO3910 Datasheet
2Mb / 21P
   Rad-hard plastic 2 A positive low drop voltage regulator
February 2022 Rev 2
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com