Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS32A Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFLVDS32A
Description  Rad-hard quad LVDS receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS32A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFLVDS32A Datasheet HTML 6Page - STMicroelectronics RHFLVDS32A Datasheet HTML 7Page - STMicroelectronics RHFLVDS32A Datasheet HTML 8Page - STMicroelectronics RHFLVDS32A Datasheet HTML 9Page - STMicroelectronics RHFLVDS32A Datasheet HTML 10Page - STMicroelectronics RHFLVDS32A Datasheet HTML 11Page - STMicroelectronics RHFLVDS32A Datasheet HTML 12Page - STMicroelectronics RHFLVDS32A Datasheet HTML 13Page - STMicroelectronics RHFLVDS32A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Test circuit
RHFLVDS32A
10/15
DocID025371 Rev 3
Figure 4. Enable and disable time test circuit and waveform
1. All input pulses (including G and G) are supplied by a generator with the following characteristics:
tr or tf ≤ 1 ns, fG or fG = 500 kHz, and pulse width G or G = 500 ns.
2. The product is guaranteed in test with CL = 10 pF
G
TPZH
50%
50%
50%
TPHZ
VOH –0.5V
VO
Low
VO
high
VOH
VOL
TPZL
50%
TPLZ
VOL + 0.5V
Vcc/2
Vcc/2
50%
50%
G
Vcc/2
Vcc/2
LVDS
Receiver
VCM=(VIA+VIB)/2
VID
VIA
VIB
(A) IN+
(B) IN-
II
VO
10pF
400 ohm
400 ohm
Vcc


Similar Part No. - RHFLVDS32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS325K01V STMICROELECTRONICS-RHFLVDS325K01V Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS325K1 STMICROELECTRONICS-RHFLVDS325K1 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
More results

Similar Description - RHFLVDS32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
   Rad-hard quad LVDS driver
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
   Rad-hard quad LVDS driver
April 2017 Rev 4
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
   RAD-HARD QUAD BILATERAL SWITCH
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
   Rad-hard plastic LVDS driver-receiver
June 2022 Rev 4
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
   Rad-hard, dual 4x4 crosspoint switch LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com