Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS6011P Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011P
Description  Compact and good operational feel, suitable for mixing console faders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011P Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RS6011P Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011P Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
417
Compact and good operational feel, suitable for
mixing console faders
Low-profile Master Type(Super P Fader)
RS6011□P
Product Line
Number of resistor
elements
Single-unit
Dual-unit
Travel
(mm)
60
Total resistance
(k Ω)
10
20
10
20
Resistance
taper
1B
15A
Lever type
6
Length of lever
(mm)
15
Products No.
RS6011SP6003
RS6011SP6004
RS6011DP6002
RS6011DP6003
Minimumorder unit(pcs.)
Japan
Export
900
900
Other varieties are also available. Refer to "Other Specifications" (P.418).
Note
Refer to P.418 for other specifications.
Refer to P.418 for details of lever types.
Refer to P.419 for ordering products not listed.
Refer to P.426 for soldering conditions.
Unit:mm
6-ø1.1 hole
2-ø2 hole
47.5
(25)
22.5
70
Dimensions
Style
PC board mounting hole dimensions
(Viewed from mounting side)
75
71
2-M2
60
5
0.4
1
4
6.6
5
(R0.3)
t=1.2
The RS6011SP uses lug terminals for
terminals 1' 2' 3'.
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
200V AC, 10V DC (Single-unit)
150V AC, 10V DC (Dual-unit)
Operating force
0.5 +1.0
− 0.4 N
Operating life
30,000 cycles
Operating temperature range
−10℃ to +60℃
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
900
900
373×529×273


Similar Part No. - RS6011P

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60112A600N ALPS-RS60112A600N Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
RS60112A600N ALPS-RS60112A600N Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RS60112A600N ALPS-RS60112A600N Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS60112A600N ETC-RS60112A600N Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RS60112A600U ALPS-RS60112A600U Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
More results

Similar Description - RS6011P

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
   Low-profile and good operational feel makes this excellent for car air conditioners
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
   Small size suitable for compact
logo
ALPS ELECTRIC CO.,LTD.
RK08H ALPS-RK08H_15 Datasheet
836Kb / 6P
   Compact type potentiometer suitable for volume and tone controls
RS15H113CA05 ALPS-RS15H113CA05 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
Seoul Semiconductor
UY101-IE1 SEOUL-UY101-IE1 Datasheet
284Kb / 13P
   Small size suitable for compact appliances
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com