Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA0V11M Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0V11M
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0V11M Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RSA0V11M Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSA0V11M Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
420
Provides a superior operational feel with
high-speed tracking in motor drive mode
Motor-driven Master Type(Motor N Fader, Motor K Fader, Motor V Fader)
RS□□N1□M
RSA0K1□V
RSA0V11M
Other varieties are also available. Refer to "Other Specifications" (P.423).
Note
Refer to P.423 for other specifications.
Refer to P.423 for details of lever types.
Refer to P.424, 425 for ordering products not listed.
Refer to P.426 for soldering conditions.
Product Line
Number of
resistor elements
Single-unit
Travel
(mm)
60
100
Type
Motor N
Fadar
Motor K Fadar
CP type)
Motor V
Fadar
10.95
Products No.
RS60N11M9A0E
RS60N11M9A0F
RSA0N11M9A0K
RSA0N11M9A0J
RSA0K11V901S
RSA0V11M9001
Lever
type
9-T
(T-bar)
Length of
lever(mm)
8.2
Total resistance
(kΩ)
10
Resistance
taper
1B
Terminal style
Lead
For PC board
(for auto dipping)
Lead
For PC board
(for auto dipping)
Connector
Touch sense
track
With
Without
Minimum order unit(pcs.)
Japan
Export
200
400
120
240
100
200
80
160
42
80
84
80
Drawing
No.
1
2
3
4
5
6
Packing Specifications
Bulk/Tray
Typical Specifications
Items
Specifications
Motor N fader Motor K fader Motor V fader
Total resistance tolerance
±20%
Maximum operating voltage
10V DC, 200V AC(Travel:60mm)
10V DC, 500V AC(Travel:100mm)
Operating force
0.8±0.5N
0.4±0.25N
Operating life
30,000
cycles
300,000
cycles
100,000
cycles
Rated voltage of motor
10V DC
8V DC
Maximum current of motor
800mA or less
(at 10V DC)
625mA or less
(at 5V DC)
Operating temperature range
−10℃ to +60℃
Product No.
Terminal style
Packing specifications
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
RS60N
Lead
Tray
200
400
370×520×270
For PC board
120
240
375×285×393
RSA0N
Lead
100
200
455×578×175
For PC board
80
160
375×285×393
RSA0K
Connector
Bulk
42
84
370×520×201
RSA0V
Tray
80
80
524×344×173


Similar Part No. - RSA0V11M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RSA0V11M ALPS-RSA0V11M Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSA0V11M9001 ALPS-RSA0V11M9001 Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RSA0V11M9001 ETC-RSA0V11M9001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0V11M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN1M ALPS-RSN1M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com