Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS301111C01L Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Solderable with auto dipping and available in a wide variety
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
390
Super SlideTM(Standard Type)
RS □□ 1
Dimensions
Unit:mm
35
3-ø1.5 hole
2
1
5
30
C0.5
1
0.4
2-M2
41
45
1
Mounting
surface
2
1
5
30
C0.5
1
0.4
2-M2
41
45
1
Mounting
surface
No.
2
3-ø1.5 hole
25
C0.5
1
20
1
5
0.4
2-M2
31
35
2
1
Mounting
surface
1
3
Style
PC board mounting hole dimensions
(Viewed from mounting side)
35
22.5
(12.5) 10
3-ø1.5 hole
2-ø2
hole
Packing Specifications
Tray
Travel(mm)
Number of
resister elements
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
15, 20
Single-unit
700
2,800
378×518×422
30
Single-unit/
Dual-unit
600
2,400
45
Single-unit
1,300
1,300
373×529×273
Dual-unit
1,150
1,150
60
Single-unit/
Dual-unit
900
900
The length of Lever(L1)can be customized. Refer to P.396 for details.


Similar Part No. - RS301111C01L

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS301111C01L ALPS-RS301111C01L Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
RS301111C01L ALPS-RS301111C01L Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS301111C01L ETC-RS301111C01L Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS301111C01L

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-1 ALPS-RS-1 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
AVAGO TECHNOLOGIES LIMI...
SFH350 AVAGO-SFH350 Datasheet
402Kb / 6P
   Auto insertable and Wave solderable
logo
Murata Manufacturing Co...
CSACW22M5X53-R0 MURATA-CSACW22M5X53-R0 Datasheet
186Kb / 3P
   Available in a wide frequency range
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com