Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS60K11K9A13 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60K11K9A13
Description  Minimum lever wobble and high precision characteristics combined with good operational feel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60K11K9A13 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RS60K11K9A13 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS60K11K9A13 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
426
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Duration of
Soldering time
No. of solders
RS□□1, RS□□H, RS08U,
RS□□K(Standard),RS□□N,
RS□□N11S, RS6011□P,
RS□□N1□M,
RSA0K1□V(Motor terminal)
350℃ max.
3s max.
1 time
Series
Preheating
Dip soldering
Number of soldering
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RS□□1, RS□□H,
RS□□N, RS□□N11S,
RS6011□P, RS□□N1□M
100℃ max.
1 min. max.
260℃
5s max.
1 time
Series
A
B
C
D
E
F
G
H
No. of reflows
RS08U
250℃
200℃
150℃
150℃
2 min.
3s
40s
4 min.
1 time
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250°C or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
Slide Potentiometers / Soldering Conditions


Similar Part No. - RS60K11K9A13

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60K11K9A13 ALPS-RS60K11K9A13 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
List of Unclassifed Man...
RS60K11K9A13 ETC-RS60K11K9A13 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60K11K9A13

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
   Low-profile and good operational feel makes this excellent for car air conditioners
logo
GREATECS
MB5 GREATECS-MB5 Datasheet
599Kb / 1P
   Push & Lever Multifunction Switches with Click Feel
logo
Productwell Precision E...
SD11B01 PRODUCTWELL-SD11B01_14 Datasheet
120Kb / 2P
   Excellent operating feeling by less lever wobble.
SD12B01 PRODUCTWELL-SD12B01_14 Datasheet
121Kb / 2P
   Excellent operating feeling by less lever wobble.
logo
Unisonic Technologies
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
   With good input sensitivity current temperature characteristics
logo
ALPS ELECTRIC CO.,LTD.
RSN1M ALPS-RSN1M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com