Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS30H11AAA02 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RS30H11AAA02
Description  Compact total length of travel 15mm and improved operating feel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS30H11AAA02 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RS30H11AAA02 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS30H11AAA02 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
398
Compact total length of travel +15mm and
improved operating feel
Slim SlideTM(Slim 4)
RS □□ H
Other varieties are also available. Refer to "Other Specifications" (P.402).
Note
Refer to P.402 for other specifications.
Refer to P.402 for details of lever types.
Refer to P.403 for ordering products not listed.
Refer to P.426 for soldering conditions.
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
Please see P.402
Operating force
0.6
N
Operating life
10,000 cycles
Operating temperature range
−25℃ to +70℃
15A
2,900
5,800
2,500
5,000
2,000
4,000
2,750
5,500
1,980
3,960
2,900
5,800
2,500
5,000
2,000
4,000
2,750
5,500
1,980
3,960
Minimum order unit(pcs.)
Japan
Export
Number of
resistor elements
Direction
of lever
Vertical
Horizontal
Vertical
Horizontal
15
20
30
15
20
30
15
20
30
15
20
30
C
A
C
A
9.5
14.5
4.5
9.5
4.5
9.5
4.5
14.5
4.5
100
50
100
50
10
100
10
250
10
5
50
10
50
200
5
10
100
10
50
250
50
1B
15A
1B
15A
1B
15A
1B
3B
With
Without
With
Without
With
Without
With
Without
Without
1
2
3
7
8
9
4
5
6
10
11
12
Travel
(mm)
RS15H113CA05
RS15H111CA04
RS15H113C001
RS20H113C008
RS20H111C009
RS30H111A00D
RS15H11AA04M
RS15H11AA008
RS15H11AA00G
RS20H11AA02T
RS20H11CA00B
RS20H11AA01U
RS20H11AA019
RS20H11AA015
RS30H11AA009
RS30H11AA00G
RS30H11AAA0B
RS30H11AA00P
RS30H11AAA02
RS15H121A009
RS20H123A01C
RS30H121A00B
RS15H12AA00F
RS15H12AA009
RS20H12AC002
RS30H12AA003
Products No.
Lever
types
Length of lever
(L1)(mm)
Total resistance
(k Ω)
Resistance
taper
Center
detent
Tap
Drawing
No.
Single-unit
Dual-unit
Product Line
+0.5
−0.4


Similar Part No. - RS30H11AAA02

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS30H11AAA02 ALPS-RS30H11AAA02 Datasheet
986Kb / 8P
   Compact total length of travel 15mm
logo
List of Unclassifed Man...
RS30H11AAA02 ETC-RS30H11AAA02 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS30H11AAA02

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-H ALPS-RS-H Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com