Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS6011YA600M Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011YA600M
Description  Solderable with auto dipping and available in a wide variety
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011YA600M Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RS6011YA600M Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS6011YA600M Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
389
Solderable with auto dipping and available in a wide variety
Super SlideTM(Standard Type)
RS □□ 1
Product Line
Number of resistor
elements
Travel
(mm)
Products No.
Lever
types
Length of lever
(L1)(mm)
Total
resistance(k Ω)
Resistance
taper
Detent Mounting
plate
Minimum order unit(pcs.)
Japan
Export
Drawing
No.
Single-unit
Dual-unit
30
45
20
30
RS301111J00P
RS201111J011
RS30111AJ01R
RS301111J00R
RS30111AJ01K
RS301111A01G
RS301111C01L
RS30111AC00V
RS45111ABA02
RS30112AC00J
RS30112AJA02
J-1
5
A
C
B
C
J-1
5
10
10
50
10
15A
1B
Without
Without
700
2,800
600
2,400
1,300
1,300
600
2,400
2
1
3
2
3
4
5
6
7
8
9
With
Without
Without
With
With
1B
15A
1B
3B
Insulated lever
Number of resistor
elements
Travel
(mm)
Products No.
Lever
types
Length of lever
(L1)(mm)
Total
resistance(k Ω)
Resistance
taper
Detent Mounting
plate
Minimum order unit(pcs.)
Japan
Export
Drawing
No.
Single-unit
Dual-unit
15
20
30
45
60
45
60
RS15111A900B
RS30111A9012
RS3011114A02
RS30111A602N
RS45111A900F
RS4511119A04
RS6011YA600M
RS6011Y19004
RS6011Y1600Q
RS451121400A
RS45112A400G
RS60112A600N
RS60112A600U
9-1
4
6
9-1
6
9-1
6
4
6
10
10
15
10
15
10
15
20
15
20
10
20
15A
1B
Without
With
700
2,800
600
2,400
1,300
1,300
900
900
1,150
1,150
900
900
10
RS20111A9A03
11
12
13
14
15
16
17
18
19
20
21
22
Without
With
Without
With
Without
With
1B
15A
15A
Metal lever
Other varieties are also available. Refer to "Other Specifications" (P.395).
Note
Refer to P.395 for other specifications.
efer to P.396 for configuration details.
Refer to P.397 for ordering products not listed.
Refer to P.426 for soldering conditions.
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
Please see P.395
Operating force
0.3 to 2.5N
Operating life
15,000 cycles
Operating temperature range
−25℃ to +70℃


Similar Part No. - RS6011YA600M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS6011YA600M ALPS-RS6011YA600M Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
RS6011YA600M ALPS-RS6011YA600M Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS6011YA600M ETC-RS6011YA600M Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS6011YA600M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-1 ALPS-RS-1 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
AVAGO TECHNOLOGIES LIMI...
SFH350 AVAGO-SFH350 Datasheet
402Kb / 6P
   Auto insertable and Wave solderable
logo
Murata Manufacturing Co...
CSACW22M5X53-R0 MURATA-CSACW22M5X53-R0 Datasheet
186Kb / 3P
   Available in a wide frequency range
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com